Electronic Components Datasheet Search
  English  ▼

X  

HMC467LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC467LP3
Description  2 dB LSB GaAs MMIC 2-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC467LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC467LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC467LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC467LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC467LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC467LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC467LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
9 - 98
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
9
HMC467LP3
2 dB LSB GaAs MMIC 2-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 6.0 GHz
v00.0403
Functional Diagram
Electrical Specifications, T
A = +25° C, With Vdd = +5V & Vctl = 0/+5V*
Typical Applications
The HMC467LP3 is ideal for:
• Cellular; UMTS/3G Infrastructure
• Fixed Wireless & WLL
• Microwave Radio & VSAT
• Test Equipment
Features
2 dB LSB Steps to 6 dB
High IP3: +50 dBm
+/- 0.2 dB Typical Bit Error
Single Control Line Per Bit
Single +5V Supply
3 mm x 3 mm x 1 mm SMT Package
General Description
The HMC467LP3 is a broadband 2-bit GaAs IC
digital attenuator in a low cost leadless surface
mount package. Covering DC to 6.0 GHz, the
insertion loss is less than 0.7 dB typical. The
attenuator bit values are 2 (LSB) and 4 dB for a
total attenuation of 6 dB. Attenuation accuracy
is excellent at ± 0.2 dB typical step error with
an IIP3 of +50 dBm. Two control voltage inputs,
toggled between 0 and +5V, are used to select
each attenuation state. A single Vdd bias of +5V
is required.
Parameter
Frequency
(GHz)
Min.
Typ.
Max.
Units
Insertion Loss
DC - 2.5 GHz
2.5 - 6.0 GHz
0.5
0.8
0.8
1.2
dB
dB
Attenuation Range
DC - 6.0 GHz
6
dB
Return Loss (RF1 & RF2, All Atten. States)
DC - 2.5 GHz
2.5 - 6.0 GHz
20
15
dB
dB
Attenuation Accuracy:
(Referenced to Insertion Loss)
2 dB State
4, 6 dB States
DC - 6.0 GHz
± 0.2 + 2% of Atten. Setting Max.
± 0.4 + 2% of Atten. Setting Max.
dB
dB
Input Power for 0.1 dB Compression
0.25 - 6.0 GHz
22
dBm
Input Third Order Intercept Point
(Two-Tone Input Power= 0 dBm Each Tone)
0.25 - 6.0 GHz
50
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 6.0 GHz
135
155
ns
ns
* Bypass capacitor connecting ACG1 & ACG2 to RF ground required per pin description herein.


Similar Part No. - HMC467LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC467LP3 HITTITE-HMC467LP3 Datasheet
206Kb / 6P
2 dB LSB GaAs MMIC 2-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
HMC467LP3E HITTITE-HMC467LP3E Datasheet
206Kb / 6P
2 dB LSB GaAs MMIC 2-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
HMC467LP3 HITTITE-HMC467LP3_08 Datasheet
206Kb / 6P
2 dB LSB GaAs MMIC 2-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
More results

Similar Description - HMC467LP3

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA264-87 ALPHA-AA264-87 Datasheet
244Kb / 5P
GaAs IC 4 Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
logo
Hittite Microwave Corpo...
HMC290 HITTITE-HMC290 Datasheet
141Kb / 6P
2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC468LP3 HITTITE-HMC468LP3 Datasheet
206Kb / 6P
1 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6.0 GHz
HMC472LP4 HITTITE-HMC472LP4 Datasheet
346Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC470LP3 HITTITE-HMC470LP3 Datasheet
393Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
logo
Skyworks Solutions Inc.
AA264-87 SKYWORKS-AA264-87_05 Datasheet
571Kb / 7P
GaAs IC 4-Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
logo
Hittite Microwave Corpo...
HMC290 HITTITE-HMC290_06 Datasheet
241Kb / 6P
2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC467LP3 HITTITE-HMC467LP3_08 Datasheet
206Kb / 6P
2 dB LSB GaAs MMIC 2-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
HMC540LP3 HITTITE-HMC540LP3_08 Datasheet
223Kb / 6P
1 dB LSB GaAs MMIC 4-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
logo
Analog Devices
HMC472ALP4 AD-HMC472ALP4 Datasheet
717Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com