Electronic Components Datasheet Search
  English  ▼

X  

SL0540 Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SL0540
Description  5 0A Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SL0540 Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SL0540 Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SL0540 Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SL0540 THRU SL05200
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
SL05150
SL05200
T =25
T =100
Fig3: Surge Forward Current Capadility
Fig2 : Instantaneous Forward Voltage
240
200
160
120
80
10
Fig.1 - Forward Current Derating Curve
0
25
50
75
100
125
150
175
O
Ambient Temperature,T ( C)
A
6
4
2
single phase half wave 60Hz
resistive or inductive load
40
Fig4: Typical Reverse Characteristics
1
0
2
10
20
100
Number of Cycles
0
20
40
60
80
100
0.01
0.1
1.0
10
100
VRM(%)
℃
℃
0.4
0.6
0.8
1.0
VF(V)
0.1
0
0.2
A
A
5.0
SL0540-SL0545
SL0550-SL0560
SL0580-SL05100
T =25
℃
A
1
3
5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com