Electronic Components Datasheet Search
  English  ▼

X  

MBRF1020CT Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # MBRF1020CT
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

MBRF1020CT Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  MBRF1020CT Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd MBRF1020CT Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1040CT
MBRF
MBRF
MBRF1020CT THRU MBRF10100CT
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts
Forward Current -10.0 Amperes
Case: ITO-220AB molded plastic body
Terminals: Leads solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Weight:0.060 ounce, 1.67 grams
For use in low voltage, high frequency inverters,free
Metal silicon junction,majority carrier conduction.
High current capability,low forward voltage drop.
Guard ring for over voltage protection.
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.Thermal resistance from junction to case
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
20
14
20
30
21
30
40
28
40
50
35
50
60
42
60
80
56
80
VOLTS
VOLTS
VOLTS
UNITS
Amps
Amps
Volts
10.0
150.0
0.75
Operating junction temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
(see fig.1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 5.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
1.0
2.0
450
pF
C
mA
Typical thermal resistance (NOTE 2)
C/W
100
70
100
70
49
70
90
63
90
Storage temperature range
C
-50 to +150
-50 to +125
-50 to +150
15.0
50.0
0.55
0.85
550
MBRF
1020CT
MBRF
1030CT
MBRF
1050CT
MBRF
1060CT
1080CT
MBRF
1070CT
MBRF
1090CT
MBRF
10100CT
Dimensions in inches and (millimeters)
ITO-220AB
PIN 1
PIN 3
PIN 2
CASE
SYMBOLS
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
R
θJC
CJ
TJ
TSTG
45
32
45
MBRF
1045CT
MDD Catalog Number
1
3
2
PIN
10.2± 0.2
4.0± 0.3
2.6± 0.15
1.4± 0.1
0.6± 0.1
4.5± 0.2
3.1
+0.2
-0.1
2.6± 0.2
0.6± 0.1
wheeling,and polarity protection applications.
High surge capacity.


Similar Part No. - MBRF1020CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRF1020CT MCC-MBRF1020CT Datasheet
390Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Shanghai Lunsure Electr...
MBRF1020CT CHENYI-MBRF1020CT Datasheet
65Kb / 2P
10Amp schottky barrier rectifier 20to100 volts
logo
Diotech Company.
MBRF1020CT DIOTECH-MBRF1020CT Datasheet
896Kb / 2P
SCHOTTKY BARRIER RECTIFIER
MBRF1020CT DIOTECH-MBRF1020CT Datasheet
971Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBRF1020CT KERSEMI-MBRF1020CT Datasheet
993Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBRF1020CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
20-Apr-2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com