Electronic Components Datasheet Search
  English  ▼

X  

BZX85C Datasheet(PDF) 3 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # BZX85C
Description  Low zener impedance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

BZX85C Datasheet(HTML) 3 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  BZX85C Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd BZX85C Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd BZX85C Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
Admissible power dissipation versus ambient temperature
Valid provided that leads are kept at ambient temperature at a distance of 10mm from case
BZX85C39
BZX85C43
BZX85C47
BZX85C51
BZX85C56
BZX85C62
BZX85C68
BZX85C75
BZX85C82
BZX85C91
BZX85C100
BZX85C110
BZX85C120
BZX85C130
BZX85C150
BZX85C160
BZX85C180
BZX85C200
Device Type
Zener Voltage range
µA
Ohms
V
mA
V
mA
Dynamic resistance
Reverse leakage current
Temp coefficlent
of zener voltage
VZNOM
IZT
VZT
ZZT
ZZK
IZK
IR at VR
TKVZ
V
Ohms
39
43
47
51
56
62
68
75
82
91
100
110
120
130
150
160
180
200
6.0
6.0
4.0
4.0
4.0
4.0
4.0
4.0
2.7
2.7
2.7
2.7
2.0
2.0
2.0
1.5
1.5
1.5
50
50
90
115
120
125
135
135
200
250
350
450
550
700
1000
1100
1200
1500
1000
1000
1500
1500
2000
2000
2000
2000
3000
3000
3000
4000
4500
5000
6000
6500
7000
8000
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.06...0.095
0.06...0.095
0.06...0.095
0.06...0.095
0.06...0.095
0.06...0.095
0.06...0.095
0.06...0.095
0.07...0.10
0.07...0.10
0.07...0.11
0.07...0.11
0.07...0.11
0.07...0.11
0.07...0.11
0.07...0.11
0.07...0.11
0.07...0.11
37...41
40...46
44...50
48...54
52...60
58...66
64...72
70...79
77...87
85...96
94...106
104...116
114...127
124...141
138...156
153...171
168...191
188...212
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
30
33
36
39
43
47
51
56
62
68
75
82
91
100
110
120
130
150
%/ C
AMBIENT TEMPERATURE, C
1.0
0.8
0.6
0.4
0.2
0
0
100
200
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com