Electronic Components Datasheet Search
  English  ▼

X  

DLSS12 Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # DLSS12
Description  SURFACE MOUNT SCHOTTKY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

DLSS12 Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  DLSS12 Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd DLSS12 Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLDERABLE ENDS
D2
D2=D1
+0
-0.20
0.5± 0.1
0.5± 0.1
4.9± 0.2
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified
Maximum recurrent peak reverse voltage
V
RRM
V
Maximum RMS voltage
VRWS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ord rectified current at
c T
L(SEE FIG.1) (NOTE 2)
I(AV)
A
Peak forw ard surge current 8.3ms single half-
c sine-w ave superimposed on rated load(JEDEC
c Method)
IFSM
A
Maximum instantaneous forw ard voltage at
v 1.0A(NOTE.1)
VF
V
Maximum DC reverse current @T
A=25
oC
at rated DC blocking voltage(NOTE1) @T
A=100
oC
RθJA
RθJL
Operating junction and storagetemperature range
TSTG
oC
Storage temperature range
TJ
oC
0.5
45
15
I
R
NOTE: 1.Pulse test:300μS pulse width,1%duty cy cle
DLSS12 THRU DLSS110
2. P.C.B.mounted with 0.55"X0.55"(14.0X14.0mm2)copper pad areas
REVERSE VOLTAGE: 20 --- 100 VCURRENT: 1.0 A
Typical thermal resitance (NOTE2)
K
/W
DLSS12
DLSS13
DLSS14 DLSS16 DLSS18 DLSS110
mA
UNITS
20
30
40
60
80
100
DO - 213AB
14
21
28
42
63
70
20
30
40
60
80
100
30
1.0
-55--- +150
-55--- +150
0.5
0.7
0.79
5.0
Dimensions in millimeters
SURFACE MOUNT SCHOTTKY
MDD Catalog Number
FEATURES
MECHANICAL DATA
◇ Built-in strain relief
◇ C a s e :J E D E C D O -21 3AB ,m o l ded p l a s ti c o ver
1 11 1 pa ss iva ted c hip
◇ Low power loss,high effciency
◇ Plastic package has Underwriters Laborator
111 Flammability Classification 94V-0
◇ High temperature soldering guaranteed:250
o
C/10
1
11
seconds at terminals
◇ P o l a ri ty: C o l or band d e no tes c a thode end
◇ W eigh t: 0.0046 ounces, 0.116 gram
◇ Low profile package
◇
For surface mounted applications
◇ T e rm i nal s :S o l der P la ted, s olde rable per M IL -S T D -750,
1 11 1 M e th od 2026
◇ High current capability,low forward voltage drop
◇ For use in low voltage high frequency inverters,free
111 wheeling and polarity protection applications
◇ Guardring for overvoltage protection
◇ Metal silicon junction, majority carrier conduction
◇ High surge capability


Similar Part No. - DLSS12

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
DLSS210 CHENDA-DLSS210 Datasheet
732Kb / 2P
SURFACE MOUNT SCHOTTKY
DLSS22 CHENDA-DLSS22 Datasheet
732Kb / 2P
SURFACE MOUNT SCHOTTKY
DLSS23 CHENDA-DLSS23 Datasheet
732Kb / 2P
SURFACE MOUNT SCHOTTKY
DLSS24 CHENDA-DLSS24 Datasheet
732Kb / 2P
SURFACE MOUNT SCHOTTKY
DLSS26 CHENDA-DLSS26 Datasheet
732Kb / 2P
SURFACE MOUNT SCHOTTKY
More results

Similar Description - DLSS12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSS40L TSC-TSS40L_14 Datasheet
175Kb / 4P
Surface Mount Schottky
TSS42L TSC-TSS42L_14 Datasheet
174Kb / 4P
Surface Mount Schottky
TSS54L TSC-TSS54L_14 Datasheet
178Kb / 4P
Surface Mount Schottky
TSS70L TSC-TSS70L_14 Datasheet
179Kb / 4P
Surface Mount Schottky
logo
Microdiode Semiconducto...
DLSS22 CHENDA-DLSS22 Datasheet
732Kb / 2P
SURFACE MOUNT SCHOTTKY
logo
Diode Semiconductor Kor...
SK12B DSK-SK12B Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY
SK22A DSK-SK22A Datasheet
174Kb / 2P
SURFACE MOUNT SCHOTTKY
SMS120 DSK-SMS120 Datasheet
220Kb / 2P
SURFACE MOUNT SCHOTTKY
SS22A DSK-SS22A Datasheet
188Kb / 2P
SURFACE MOUNT SCHOTTKY
SS32A DSK-SS32A Datasheet
298Kb / 2P
SURFACE MOUNT SCHOTTKY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com