Electronic Components Datasheet Search
  English  ▼

X  

HMC494LP3 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC494LP3
Description  SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 18 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC494LP3 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC494LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC494LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC494LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC494LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC494LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC494LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
10 - 134
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
10
SMT GaAs HBT MMIC
DIVIDE-BY-8, DC - 18 GHz
HMC494LP3
Evaluation PCB
List of Materials
The circuit board used in the final application should use
RF circuit design techniques. Signal lines should have
50 ohm impedance while the package ground leads
and backside ground slug should be connected directly
to the ground plane similar to that shown. A sufficient
number of via holes should be used to connect the top
and bottom ground planes. The evaluation circuit board
shown is available from Hittite upon request. This evalu-
ation board is designed for single ended input testing. J2
and J3 provide differential output signals.
v01.0604
Item
Description
J1 - J3
PC Mount SMA RF Connector
J4, J5
DC Pin
C2 - C5
100 pF Capacitor, 0402 Pkg.
C6
1000 pF Capacitor, 0603 Pkg.
C1
2.2 uF Tantalum Capacitor
U1
HMC492LP3 Divide-by-2
PCB*
107197 Eval Board
* Circuit Board Material: Rogers 4350



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com