Electronic Components Datasheet Search
  English  ▼

X  

GS2GF Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # GS2GF
Description  SURFACE MOUNT GENERAL RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

GS2GF Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  GS2GF Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd GS2GF Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GS2AF THRU GS2MF
SURFACE MOUNT GENERAL RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
GS2AF
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
2.0
60.0
1.1
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=75 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 2.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B. mounted with 0.2x0.2
”(5.0x5.0mm) copper pad areas
IR
5.0
50.0
R
θJA
CJ
TJ,TSTG
50.0
30.0
-50 to +150
pF
C
A
µ
Typical thermal resistance (NOTE 2)
C/W
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
GS2BF
GS2DF GS2GF
GS2JF
GS2KF
GS2MF
FEATURES
MECHANICAL DATA
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
MDD Catalog Number
Dimensions in inches and (millimeters)
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds at terminals
Glass passivated chip junction
Case: JEDEC SMAF molded plastic body over passivated chip
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.0018 ounce, 0.064 grams
SMAF
Cathode Band
Top View
0.130(3.3)
0.146(3.7)
0.193(4.90)
0.173(4.40)
0.106(2.70)
0.094(2.40)
0.051(1.30)
0.063(1.60)
0.051(1.30)
0.043(1.10)
0.0091(0.23)
0.0071(0.18)
0.051(1.30)
0.039(1.0)


Similar Part No. - GS2GF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
SURFACE MOUNT RECTIFIER
logo
Micro Commercial Compon...
GS2GFL MCC-GS2GFL Datasheet
991Kb / 3P
2.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results

Similar Description - GS2GF

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SOD4001 BWTECH-SOD4001_7 Datasheet
365Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
logo
Rugao Dachang Electroni...
S1AL DACHANG-S1AL Datasheet
128Kb / 2P
Surface Mount General Rectifier
S3A DACHANG-S3A Datasheet
116Kb / 2P
Surface Mount General Rectifier
logo
Diotech Company.
S5A DIOTECH-S5A Datasheet
727Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Semiconducto...
S3A CHENDA-S3A Datasheet
551Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
S3AF CHENDA-S3AF Datasheet
639Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Shenzhen Yixinwei Techn...
M1THRUM7 YIXIN-M1THRUM7 Datasheet
133Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Semiconducto...
GS1A CHENDA-GS1A_V01 Datasheet
752Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
S1A CHENDA-S1A_V01 Datasheet
599Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
logo
SHIKUES Electronics
GS1AG SKTECHNOLGY-GS1AG Datasheet
603Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com