Electronic Components Datasheet Search
  English  ▼

X  

PI6LC48H02 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6LC48H02
Description  PCIe 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48H02 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6LC48H02 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48H02 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48H02 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48H02 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48H02 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48H02 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48H02 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48H02 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48H02 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.pericom.com
PI6LC48H02
Rev.C
04/07/2014
All trademarks are property of their respective owners.
PI6LC48H02
PCIe® 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs
Pin Description
Pin # Pin Name
I/O Type
Description
1
S0
Input
Select pin 0 (Internal pull-up resistor). See Table 1.
2
S1
Input
Select pin 1 (Internal pull-up resistor). See Table 1.
3
NC
-
Do not connect
4
X1/CLK
Input
Crystal or clock input. Connect to a 25MHz crystal or single ended clock.
5
X2
Output
Crystal connection. Leave unconnected for clock input.
6
OE
Input
Output enable. Internal pull-up resistor.
7
GND
Power
Ground
8
NC
-
Do not connect
9
IREF
Output
Precision resistor attached to this pin is connected to the internal current reference.
10
CLK1
Output
HCSL compliment clock output
11
CLK1
Output
HCSL clock output
12
VDDA
Power
Connect to a +3.3V source.
13
GNDA
Power
Output and analog circuit ground.
14
CLK0
Output
HCSL compliment clock output
15
CLK0
Output
HCSL clock output
16
VDDX
Power
Connect to a +3.3V source.
Table 1: Output Select Table
S1
S0
CLK(MHz)
0
0
25
0
1
100
1
0
125
1
1
200
14-0044



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com