Electronic Components Datasheet Search
  English  ▼

X  

PI6LC48L0201 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6LC48L0201
Description  2-Output LVDS Networking Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48L0201 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6LC48L0201 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.pericom.com
PI6LC48L0201
Rev. A
07/23/2013
PI6LC48L0201
2-Output LVDS Networking Clock Generator
Pinout Table
Pin No.
Pin Name
I/O Type
Description
1, 7, 16
NC
No connection
2, 20
VDDO
Power
-
Output Power Supply
3,4
CLK0, CLK0#
Output
-
LVDS Output clock 0
5
M_reset
Input
Pull-down Master reset. “1”, CLK0CLK1 go to “low”, CLK0#/CLK1# go to
“high”; “0” outputs are enabled
6
PLL_ByPass
Input
Pull-down PLL bypass select. “0” PLL is enabled, “1” PLL is bypassed
8
VDDA
Power
-
Analog Power Supply
9, 11
N_SEL0, N_SEL1 Input
Pull-down Output frequency select
10
VDD
Power
-
Core Power Supply
12, 13
XTAL_OUT,
XTAL_IN
Crystal
-
Crystal input and output
14
Ref_IN
Input
Pull-down CMOS reference clock input
15
IN_SEL
Input
Pull-down “0” selects Crystal, “1” selects reference input
17
GND
Ground
-
Ground
18, 19
CLK1#,
CLK1
Output
-
LVDS Output clock 1
Pin Configuration
1
2
3
VDDA
4
CLK1
5
M_reset
6
7
Ref_IN
8
CLK1#
CLK0
CLK0#
IN_SEL
20
19
18
17
NC
PLL_ByPass
VDDO
XTAL_IN
9
N_SEL0
16
XTAL_OUT
10
VDD
15
GND
11
NC
14
12
13
N_SEL1
NC
VDDO
13-0115



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com