Electronic Components Datasheet Search
  English  ▼

X  

PI6LC48P02 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6LC48P02
Description  2-Output LVPECL Fibre Channel (FC) and Ethernet Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P02 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6LC48P02 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
www.pericom.com
PI6LC48P02
Rev. C
08/13/15
PI6LC48P02
Block Diagram
Description
The PI6LC48P02 is a 2-output LVPECL synthesizer optimized
to generate Fibre Channel, Ethernet and storage reference clock
frequencies and is a member of Pericom’s HiFlex family of high
performance clock solutions. Using a 26.5625MHz crystal, the
most popular Fibre Channel (FC) frequencies can be generated
based on the settings of 2 frequency select pins. Using 25MHz
Xtal, most Ethenrnet frequencies inckuding 100MHz can be
generated, while using 26.041667MHz Xtal, 156.25MHz can be
generated for Networking applications.
The PI6LC48P02 uses Pericom’s proprietary low phase noise
PLL technology to achieve ultra low phase jitter, it is ideal for
Networking, data center, and storage systems.
Applications
Î
Î
Networking and Data Center Server systems
Î
Î
Fibre Channel (FC) and Storage systems
Features
Î
Î
Two differential LVPECL output pairs
Î
Î
Selectable crystal oscillator interface or LVCMOS/LVTTL
single-ended clock input
Î
Î
Supports the following output frequencies:
Î
Î
Ethernet: 50MHz, 100MHz, 150MHz, 156.25MHz,
200MHz
Î
Î
Fibre Channel: 53.125MHz, 106.25MHz, 159.375MHz,
187.5MHz, 212.5MHz
Î
Î
RMS phase jitter @ 212.5MHz, using a 26.5625MHz crystal
(12kHz – 20MHz): 0.28ps (typical)
Î
Î
RMS phase jitter @ 100MHz, using a 25MHz crystal (12kHz
– 20MHz): 0.32ps (typical)
Î
Î
RMS phase jitter @ 156.25MHz, using a 26.041667MHz
crystal (12kHz – 20MHz): 0.30ps (typical)
Î
Î
Full 3.3V or 2.5V supply modes
Î
Î
Industrial operating temperature
Î
Î
Available in lead-free package: 20-TSSOP
2-Output LVPECL Fibre Channel (FC) and Ethernet Clock Generator
PFD
VCO
M
OSC
XTAL_OUT
XTAL_IN
Ref_IN
IN_SEL
PLL_ByPass
/N
M_reset
N_SEL[0:1]
CLK0
CLK0#
CLK1
CLK1#
15-0102


Similar Part No. - PI6LC48P02

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48P0201 PERICOM-PI6LC48P0201 Datasheet
988Kb / 10P
2-Output LVPECL Networking Clock Generator
PI6LC48P0201A PERICOM-PI6LC48P0201A Datasheet
962Kb / 10P
2-Output LVPECL Networking Clock Generator
PI6LC48P0201AZHIE PERICOM-PI6LC48P0201AZHIE Datasheet
962Kb / 10P
2-Output LVPECL Networking Clock Generator
PI6LC48P0201AZHIEX PERICOM-PI6LC48P0201AZHIEX Datasheet
962Kb / 10P
2-Output LVPECL Networking Clock Generator
PI6LC48P0201LIE PERICOM-PI6LC48P0201LIE Datasheet
988Kb / 10P
2-Output LVPECL Networking Clock Generator
More results

Similar Description - PI6LC48P02

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
VCT2000A CTS-VCT2000A Datasheet
141Kb / 5P
LVPECL Output-Dual Input Clock Generator
logo
Pericom Semiconductor C...
PI6LC48P03 PERICOM-PI6LC48P03 Datasheet
1Mb / 10P
3-Output LVPECL Networking Clock Generator
PI6LC48P03A PERICOM-PI6LC48P03A Datasheet
1Mb / 10P
3-Output LVPECL Networking Clock Generator
PI6LC48P04 PERICOM-PI6LC48P04 Datasheet
1Mb / 10P
4-Output LVPECL Networking Clock Generator
PI6LC48P21 PERICOM-PI6LC48P21 Datasheet
1Mb / 7P
Single Output LVPECL Clock Generator
PI6LC48P0201 PERICOM-PI6LC48P0201 Datasheet
988Kb / 10P
2-Output LVPECL Networking Clock Generator
PI6LC48P0201A PERICOM-PI6LC48P0201A Datasheet
962Kb / 10P
2-Output LVPECL Networking Clock Generator
PI6LC48P0401 PERICOM-PI6LC48P0401 Datasheet
1Mb / 10P
4-Output LVPECL Networking Clock Generator
PI6LC48P0405 PERICOM-PI6LC48P0405 Datasheet
1Mb / 9P
4-Output LVPECL Networking Clock Generator
PI6LC48P25104 PERICOM-PI6LC48P25104 Datasheet
732Kb / 7P
Single Output LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com