Electronic Components Datasheet Search
  English  ▼

X  

ADC0841 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0841
Description  8-Bit P Compatible A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0841 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button ADC0841 Datasheet HTML 8Page - National Semiconductor (TI) ADC0841 Datasheet HTML 9Page - National Semiconductor (TI) ADC0841 Datasheet HTML 10Page - National Semiconductor (TI) ADC0841 Datasheet HTML 11Page - National Semiconductor (TI) ADC0841 Datasheet HTML 12Page - National Semiconductor (TI) ADC0841 Datasheet HTML 13Page - National Semiconductor (TI) ADC0841 Datasheet HTML 14Page - National Semiconductor (TI) ADC0841 Datasheet HTML 15Page - National Semiconductor (TI) ADC0841 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Applications Information (Continued)
SAMPLE PROGRAM FOR ADC0841 — NSC800 INTERFACE
0010
NCONV
EQU
16
;TWICE THE NUMBER OF REQUIRED
;CONVERSIONS
000F
DEL
EQU
15
;DELAY 60 µsec CONVERSION
001F
CS
EQU
1FH
;THE BOARD ADDRESS
3C00
ADDTA
EQU
003CH
;START OF RAM FOR A/D
;DATA
0000'
00
DTA:
DB
08H
;DATA
0001'
0E 1F
START:
LD
C,CS
0003'
06 16
LD
B,NCONV
0005'
21 0000'
LD
HL,DTA
0008'
11 003C
LD
DE,ADDTA
000B'
ED A3
STCONV:
OUTI
;START A CONVERSION
000D'
EB
EX
DE,HL
;HL=RAM ADDRESS FOR THE
;A/D DATA
000E'
3E 0F
LD
A,DEL
0010'
3D
WAIT:
DEC
A
;WAIT 60 µsec FOR THE
0011'
C2 0013'
JP
NZ,WAIT
;CONVERSION TO FINISH
0014'
ED A2
INI
;STORE THE A/D’S DATA
;THE REQUIRED CONVERSIONS
COMPLETED?
0016'
EB
EX
DE,HL
0017'
C2 000E'
JP
NZ,STCONV
;IF NOT GOTO STCONV
END
Note 12: A conversion is started, then a 60 µs wait for the A/D to complete a conversion and the data is stored at address ADDTA for the first conversion,
ADDTA + 1 for the second conversion, etc. for a total of 8 conversions.
I/O Interface to NSC800™
DS008557-21
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com