Electronic Components Datasheet Search
  English  ▼

X  

PI6LC4840 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6LC4840
Description  Crystal to LVDS/LVCMOS Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4840 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6LC4840 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.pericom.com
PS9076
01/03/11
PI6LC4840
Crystal to LVDS/LVCMOS Frequency Synthesizer
Operating Conditions (VDD = VDDO_QA = VDDO_QB = VDDO_QC = VDDO_REF = 3.3V ±5%, TA = -40°C to 85°C)
Symbol
Parameters
Conditions
Min.
Max.
Units
VDD
3.3V Core Supply Voltage
3.135
3.465
V
VDDA
3.3V for Analog
VDD - 0.5 VDD
VDDO_REF, VDDO_QA,
VDDO_QC, VDDO_QB
Output Supply Voltage
3.135
3.465
TA
Ambient Temperature
–40
85
°C
IDD TOTAL
Sum of all IDD currents flowing into IC
Outputs are unloaded
100
mA
IDD
Power Supply Current for VDD pin 15
15
IDDA
Analog Supply Current
50
IDDO_QA
Bank A LVCMOS Output Supply Current
5
IDDO_QB
Bank B LVCMOS Output Supply Current
10
IDDO_QC
LVDS Output Supply Current
25
IDDO_REF
Reference Supply Current
1
PDISS
Power Dissipation
0.35
W
Maximum Ratings (Above which the useful life may be impaired. For user guidelines, not tested)
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
Storage temperature.............................................. -65ºC to +155ºC
3.3V Analog Supply Voltage..................................... -0.5 to +4.6V
ESD Protection (HBM) ......................................................... 2000V
10-0249



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com