Electronic Components Datasheet Search
  English  ▼

X  

PI6PCIEB24 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6PCIEB24
Description  1:4 PCI Express Clock Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6PCIEB24 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6PCIEB24 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6PCIEB24 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6PCIEB24 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6PCIEB24 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6PCIEB24 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6PCIEB24 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6PCIEB24 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
www.pericom.com
PS9070A
09/01/10
PI6PCIEB24
1:4 PCI Express® Clock Driver
Pin Descriptions
Pin Name
Type
Pin No
Description
SRC & SRC#
Input
19, 20
0.7V Differential SRC input from PI6C410 clock synthesizer
OUT[0:3] & OUT[0:3]#
Output
2, 3, 5, 6, 12, 11, 15, 14 0.7V Differential outputs
IREF
Input
16
External resistor connection to set the differential output current
VDD
Power
1, 7, 10, 18
3.3V Power Supply for Outputs
PWRDWN#
Input
9
3.3V LVTTL active LOW input for power down operation
VDD_A
Power
17
3.3V Power Supply for PLL
PLL/BYPASS#
Input
8
When HIGH, PLL is enabled, When LOW, PLL is bypassed.
OE_0, OE_3
Input
4, 13
When HIGH, enables corresponding OUT0, OUT3 respectively.
Ground connection is through the package metal plate underneath.
10-0210



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com