Electronic Components Datasheet Search
  English  ▼

X  

MB1310 Datasheet(PDF) 1 Page - DENSEI-LAMBDA

Part # MB1310
Description  Three Phase Input Noise Filter with Block Terminal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

MB1310 Datasheet(HTML) 1 Page - DENSEI-LAMBDA

  MB1310 Datasheet HTML 1Page - DENSEI-LAMBDA MB1310 Datasheet HTML 2Page - DENSEI-LAMBDA MB1310 Datasheet HTML 3Page - DENSEI-LAMBDA MB1310 Datasheet HTML 4Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
141
MB13-SERIES
Three Phase Input Noise Filter with Block Terminal
Features
(1)Block Terminal with Cover
Simple wire connection by block terminal.
High safety by terminal cover.
(2) Three Phase Power Line Filter
Available for Star connection : 400Vac line-line
Available for Delta connection : 200Vac line-line
(3)High Attenuation in Compact Package
Safety standard
UL1283,
CSA Std. C22. 2 No. 8
EN133200 (New European Standard)
Specifications
DERATING
APPLICATIONS
CIRCUIT
Star connection
3 Phase 4 Wires 400V line-line. Unused Neutral line
Note: For inverter application
Do not use MB series between
inverter and motor.
Delta Connection
3 Phase 3 Wires 200V line-line
MB1310
MB1320
MB1330
MB1340
MB1350
MODEL
ITEMS
1
Rated Voltage (AC)
500V(50/60Hz)
2
Rated Current (AC) (Note 1)
10A
20A
30A
40A
50A
3
Test Voltage
2500VAC(20mA) Terminal to case, 1min. at 25˚C , 70%RH
4
Isolation Resistance
100M
Ω min. Terminal to case, 500VDC at 25˚C, 70%RH
5
Leakage Current
250V 60Hz
1.0mA max.
500V 60Hz
2.0mA max.
6
DC Resistance
80m
Ω max.
30m
Ω max.
20m
Ω max.
11m
Ω max.
7m
Ω max.
7
Temperature Rise
35˚C max.
8
Operating Temperature
–25˚C~+85˚C
9
Operating Humidity
30%~95% RH (No Dewdrop)
10
Storage Temperature
–40˚C~+85˚C
11
Storage Humidity
10%~95% RH (No Dewdrop)
12
Vibration
10~55~10Hz,Amplitude (Sweep for 1min) 1.5mm(9G max.) X,Y,Z 2 hours each
13
Safety Standard
Bilt to meet : UL1283,CSA C22.2 No.8, EN133200
14
Weight (typ)
1800g
1800g
1800g
2800g
2800g
15
MTBF(hours) (Note 2)
573,000
480,000
521,000
421,000
395,000
(Note1): Value for Ta
50°C. For Ta>50°C derate according to the derating curve shown below.
(Note2): Calculated based on the part stress analysis prediction method as specified in MIL-HDBK-217F.
noise
filter
noise
filter
noise
filter
Inverter
motor
noise
filter
noise
filter
<
=


Similar Part No. - MB1310

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MB13101BAN MURATA-MB13101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB13101BBN MURATA-MB13101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB13101CAN MURATA-MB13101CAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB13101CBN MURATA-MB13101CBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB13101DAN MURATA-MB13101DAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MB1310

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QT40.361 PULS-QT40.361 Datasheet
895Kb / 27P
THREE PHASE INPUT
QT40.241 PULS-QT40.241 Datasheet
953Kb / 29P
THREE PHASE INPUT
QT20.481 PULS-QT20.481 Datasheet
658Kb / 23P
THREE PHASE INPUT
QT20.361 PULS-QT20.361 Datasheet
728Kb / 23P
THREE PHASE INPUT
QT20.241 PULS-QT20.241 Datasheet
932Kb / 27P
THREE PHASE INPUT
XT40.241 PULS-XT40.241 Datasheet
585Kb / 20P
THREE-PHASE INPUT
XT40.361 PULS-XT40.361 Datasheet
544Kb / 20P
THREE-PHASE INPUT
XT40.481 PULS-XT40.481 Datasheet
590Kb / 20P
THREE-PHASE INPUT
logo
TDK Electronics
RTEN-5100J9J3-00 TDK-RTEN-5100J9J3-00 Datasheet
605Kb / 3P
Three-Phase Filter Of Block Terminal and Low Profile
RTMN-5006 TDK-RTMN-5006 Datasheet
1Mb / 4P
High Attenuation Three-Phase External Noise Prevention Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com