Electronic Components Datasheet Search
  English  ▼

X  

MASWCC0010TR Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWCC0010TR
Description  GaAs SP4T Switch, Absorptive, Single Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWCC0010TR Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWCC0010TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWCC0010TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWCC0010TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWCC0010TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWCC0010TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASWCC0010TR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GaAs SP4T Switch, Absorptive, Single Supply
DC - 4.0 GHz
Rev. V4
MASWCC0010
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Operates DC - 4 GHz on Single Supply
 ASIC TTL / CMOS Driver
 Leadless 4 x 7 mm Chip Scale Plastic Package
 Low DC Power Consumption
 50 Ohm Nominal Impedance
 Test Boards are Available
 Tape and Reel is Available
 Lead-Free CSP-2 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of SW90-0003
Description
M/A-COM's MASWCC0010 is a SP4T absorptive
pHEMT switch with integral TTL driver. This device
is in an MLP plastic surface mount package. This
switch offers excellent broadband performance and
repeatability from DC to 4 GHz, while maintaining
low DC power dissipation. The MASWCC0010 is
ideally suited for wireless infrastructure applications.
Ordering Information
Part Number
Package
MASWCC0010
Bulk Packaging
MASWCC0010TR
1000 piece reel
MASWCC0010-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Pin Configuration2, 3, 4
Pin No.
Function
Pin No.
Function
1
CP2
19
GND
2
Vee
20
NC1
3
NC1
21
GND
4
C4
22
RFC
5
C3
23
GND
6
C2
24
NC1
7
C1
25
RF3
8
NC1
26
GND
9
NC1
27
NC1
10
NC1
28
GND
11
NC1
29
RF4
12
NC1
30
GND
13
GND
31
NC1
14
RF1
32
Vee
15
GND
33
Vcc
16
NC1
34
NC1
17
GND
35
Vcc
18
RF2
36
CP1
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1.
NC = No Connection
2.
For single supply operation VEE is internally generated
and must remain isolated from external power supplies.
Generated noise is typical of switching DC-DC converters.
3.
Connections and external components shown in functional
schematic are required. 0.1µF Capacitors need to be lo-
cated near pins 32 & 33.
4.
The exposed pad centered on the package bottom must be
connected to RF and DC ground. (For PQFN Packages)


Similar Part No. - MASWCC0010TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWCC0010TR MACOM-MASWCC0010TR Datasheet
238Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MASWCC0010TR MA-COM-MASWCC0010TR Datasheet
152Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
More results

Similar Description - MASWCC0010TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW90-0003 MACOM-SW90-0003 Datasheet
240Kb / 3P
GaAs SP4T Switch, Absorptive, Single Supply, DC - 4 GHz
MASWCC0010 MACOM-MASWCC0010 Datasheet
238Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
SW90-0004A MACOM-SW90-0004A_1 Datasheet
656Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply
logo
M/A-COM Technology Solu...
SW65-0440 MA-COM-SW65-0440 Datasheet
180Kb / 6P
GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
SW90-0003 MA-COM-SW90-0003 Datasheet
152Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0009 MA-COM-MASWCC0009 Datasheet
181Kb / 6P
GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
MASWCC0010 MA-COM-MASWCC0010 Datasheet
152Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0009_V7 MA-COM-MASWCC0009_V7 Datasheet
175Kb / 6P
GaAs SP4T Switch, Absorptive
MASWCC0009 MA-COM-MASWCC0009 Datasheet
175Kb / 6P
GaAs SP4T Switch, Absorptive
MASWCC0010 MA-COM-MASWCC0010 Datasheet
152Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com