Electronic Components Datasheet Search
  English  ▼

X  

MASWSS0129 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0129
Description  GaAs Broadband DPDT Diversity Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0129 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0129_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0129_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0129_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0129_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0129_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GaAs Broadband DPDT Diversity Switch
DC - 6.0 GHz
Rev. V6
MASWSS0129
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 802.11a + b/g Dual Band Applications
 Broadband Performance: DC - 6.0 GHz
 Low Insertion Loss: 0.7 dB @ 2.4 GHz
1.0 dB @ 4.9 to 6.0 GHz
 High Isolation: 43 dB @ 2.4 GHz
30 dB @ 4.9 to 6.0 GHz
 Fast Switching Speed: 0.5 µm GaAs PHEMT
 Lead-Free 3 mm 12-lead PQFN Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of MASWSS0094
Description
M/A-COM’s MASWSS0129 is a broadband GaAs
PHEMT MMIC diversity switch available in a low
cost, lead-free 3 mm 12-lead PQFN package. The
MASWSS0129 is ideally suited for applications
where very small size and low cost are required.
Typical applications are for WLAN IEEE 802.11a
and 802.11b/g systems that employ two antennas
for transmit and receive diversity. Other applications
include
cordless
phones
and
base
stations.
Designed for high power, this DPDT switch
maintains high linearity up to 6.0 GHz.
The MASWSS0129 is fabricated using a 0.5 micron
gate length GaAs PHEMT process. The process
features full passivation for performance and
reliability.
Ordering Information 1
Part Number
Package
MASWSS0129
Bulk Packaging
MASWSS0129TR
7 inch, 1000 piece reel
MASWSS0129TR-3000
13 inch, 3000 piece reel
MASWSS0129SMB
Sample Test Board
(Includes 5 Samples)
1. Reference Application Note M513 for reel size information.
Functional Schematic
Pin No.
Pin Name
Description
1
GND
Ground
2
GND
Ground
3
VC1
Control 1
4
ANT1
Antenna Port 1
5
GND
Ground
6
ANT2
Antenna Port 2
7
VC2
Control 2
8
GND
Ground
9
GND
Ground
10
Rx
Receive Port
11
GND
Ground
12
Tx
Transmit Port
13
Paddle 2
RF and DC Ground
Pin Configuration
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
GND
GND
GND
GND
GND
GND
GND
Vc2
Vc1
GND
GND
GND
GND
GND
GND
GND
GND
Vc2
Vc1
GND
Pin 1
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MASWSS0129_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0129SMB MACOM-MASWSS0129SMB Datasheet
125Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0129SMB MA-COM-MASWSS0129SMB Datasheet
104Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
logo
Tyco Electronics
MASWSS0129TR MACOM-MASWSS0129TR Datasheet
125Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0129TR MA-COM-MASWSS0129TR Datasheet
104Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
logo
Tyco Electronics
MASWSS0129TR-3000 MACOM-MASWSS0129TR-3000 Datasheet
125Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
More results

Similar Description - MASWSS0129_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0190 MACOM-MASWSS0190 Datasheet
148Kb / 4P
GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
MASWSS0130 MACOM-MASWSS0130 Datasheet
244Kb / 4P
GaAs Broadband DPDT Diversity Switch 0.5 - 3.0 GHz
MASWSS0129 MACOM-MASWSS0129 Datasheet
125Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0107 MA-COM-MASWSS0107 Datasheet
76Kb / 4P
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
MASWSS0107 MA-COM-MASWSS0107 Datasheet
76Kb / 4P
GaAs Broadband DPDT Diversity Switch
MASWSS0129 MA-COM-MASWSS0129 Datasheet
104Kb / 4P
GaAs Broadband DPDT Diversity Switch
MASWSS0130 MA-COM-MASWSS0130 Datasheet
136Kb / 4P
GaAs Broadband DPDT Diversity Switch
MASWSS0190 MA-COM-MASWSS0190_15 Datasheet
120Kb / 4P
GaAs Broadband DPDT Diversity Switch
MASWSS0130 MA-COM-MASWSS0130_15 Datasheet
732Kb / 5P
GaAs Broadband DPDT Diversity Switch
MASWSS0107 MA-COM-MASWSS0107_15 Datasheet
553Kb / 5P
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com