Electronic Components Datasheet Search
  English  ▼

X  

MASWSS0148SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0148SMB
Description  GaAs SPST High Isolation Terminated Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0148SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0148SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0148SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0148SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0148SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0148SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GaAs SPST High Isolation Terminated Switch
0.3 - 4.0 GHz
Rev. V1
MASWSS0148
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 High Isolation: 55 dB @ 2 GHz
 Insertion Loss: 1.6 dB @ 2 GHz
 Terminated RF Input in Isolation State
 Single Positive Control
 CMOS Compatible Logic
 Lead-Free 3 mm 12-Lead PQFN Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MASWSS0148 is a GaAs monolithic
single pole single throw (SPST) terminated switch in
a lead-free 3 mm 12-lead PQFN plastic package.
The MASWSS0148 is ideally suited for use where
low power consumption, small size and high isola-
tion are required.
Typical applications include PCS and GSM LO
switching, switch matrices and switched filter banks
in systems such as radio and cellular equipment.
The MASWSS0148 is fabricated using a mature 1-
micron gate length GaAs MESFET process. The
process features full chip passivation for increased
performance and reliability.
Ordering Information1
Part Number
Package
MASWSS0148TR-3000
3000 piece reel
MASWSS0148SMB
Sample Test Board
1. Reference Application Note M513 for reel size information.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
No Connection
7
No Connection
2
No Connection
8
No Connection
3
No Connection
9
VCTRL
4
No Connection
10
No Connection
5
RF Output
11
RF Input
6
No Connection
12
No Connection
13
Paddle3
3. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Absolute Maximum Ratings 4,5
Parameter
Absolute Maximum
Input Power
23 dBm (VDD = VCTRL = 5 V)
Operating Voltage (VDD, VCTRL)
8.5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
Schematic with Off-Chip Components 2
2. VDD can be injected at either pin 5 or pin 11.
50
1
RFin
RFout
VCTRL
10 K
CBlock
CBlock
CBypass
VDD


Similar Part No. - MASWSS0148SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0148SMB MACOM-MASWSS0148SMB Datasheet
218Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0148SMB MA-COM-MASWSS0148SMB Datasheet
130Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
More results

Similar Description - MASWSS0148SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-394 MACOM-SW-394 Datasheet
36Kb / 2P
GaAs SPDT High Isolation Terminated Switch
SW-393 MACOM-SW-393 Datasheet
129Kb / 3P
GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
MASWSS0148 MACOM-MASWSS0148 Datasheet
218Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0148 MA-COM-MASWSS0148 Datasheet
130Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
SW-393 MA-COM-SW-393 Datasheet
108Kb / 3P
GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
SW-394 MA-COM-SW-394 Datasheet
80Kb / 3P
GaAs SPDT High Isolation Terminated Switch 0.5 - 2.0 GHz
MASW-008543_V2 MA-COM-MASW-008543_V2 Datasheet
228Kb / 4P
SPDT High Isolation Terminated Switch
MASWSS0148 MA-COM-MASWSS0148 Datasheet
130Kb / 4P
GaAs SPST High Isolation Terminated Switch
MASW-010351 MA-COM-MASW-010351_15 Datasheet
766Kb / 5P
SP5T High Isolation Terminated Switch
MASWSS0121 MA-COM-MASWSS0121_15 Datasheet
587Kb / 4P
SPDT High Isolation Terminated Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com