Electronic Components Datasheet Search
  English  ▼

X  

1027608 Datasheet(PDF) 2 Page - SICK AG

Part # 1027608
Description  LONG RANGE DISTANCE SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1027608 Datasheet(HTML) 2 Page - SICK AG

  1027608 Datasheet HTML 1Page - SICK AG 1027608 Datasheet HTML 2Page - SICK AG 1027608 Datasheet HTML 3Page - SICK AG 1027608 Datasheet HTML 4Page - SICK AG 1027608 Datasheet HTML 5Page - SICK AG 1027608 Datasheet HTML 6Page - SICK AG 1027608 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DML40-2-1211 | DML
LONG RANGE DISTANCE SENSORS
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Ordering information
Type
Part no.
DML40-2-1211
1027608
Other models and accessories
www.sick.com/DML
Detailed technical data
Performance
Measuring range
0.5 m ... 600 m, on reflective tape "Diamond Grade" 1)
0.5 m ... 800 m, on reflector PL880FS01 2)
0.5 m ... 1,200 m, on reflector OP60 3)
Resolution
≤ 1 mm
Repeatability
6 mm 4) 5)
Accuracy
± 10 mm 6) 7)
Response time
1 ms ... 600 ms 8)
Cycle time
5,120 per sec.
Average depth
1/16/64/256/1,024
Output time
1 ms ... 600 ms 8)
Light source
Laser, infrared
Laser class
1 (EN 60825-1:Nov.2001, IEC 60825-1:ÄM2:2001)
Typ. light spot size (distance)
20 mm (+ 5 x distance in m)
1) On reflective tape "Diamond Grade"
2) On reflector PL880FS01.
3) On reflector OP60.
4) 6 % ... 90 % remission.
5) Environmental conditions constant, min. warm-up time 30 min, average depth 1,024, statistical error 1 σ.
6) 23 °C air temperature, 977 hPa, min. warm-up time 30 min.
7) When operating in ambient temperatures between +40 °C ... +55 °C the accuracy can decrease by factor 2.5.
8) Dependent on averaging method, averaging depth, timeout, baud rate, data output, and output format.
Interfaces
Data interface
PROFIBUS DP
Interface for parametrization
RS-232
Mechanics/electronics
Supply voltage Vs
DC 18 V ... 30 V, limit values
Ripple
5 Vpp 1)
Power consumption
≤ 6 W 2)
1) May not fall short of or exceed VS tolerances.
2) Without load.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com