Electronic Components Datasheet Search
  English  ▼

X  

A1021 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A1021
Description  Cascadable Amplifier 10 to 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A1021 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A1021 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A1021 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. A1021 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
10 to 1000 MHz
Rev. V3
A1021 / SMA1021
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +5 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC -54º to +85ºC*
Frequency
MHz
5-1000
10-1000
10-1000
Small Signal Gain (min)
dB
26.0
25.0
24.0
Gain Flatness (max)
dB
±0.5
±0.7
±0.9
Reverse Isolation
dB
35
Noise Figure (max)
dB
3.8
4.5
5.0
Power Output
@ 1 dB comp. (min)
dBm
14.5
14.0
13.0
IP3
dBm
+26
IP2
dBm
+50
Second Order Harmonic IP
dBm
+55
VSWR Input / Output (max)
1.4:1 / 1.3:1
1.9:1 / 1.9:1
2.0:1 / 2.0:1
DC Current @ 5 Volts (max)
mA
60
60
62
Features
Description
The A1021 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for consistent performance
and high reliability.
This 2 stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband
frequency range. An active DC biasing network insures
temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available.
Product Image
Ordering Information
Part Number
Package
A1021
TO-8
SMA1021
Surface Mount
CA1021 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +150ºC
Case Temperature
125ºC
DC Voltage
+8 V
Continuous Input Power
+10 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +5 VDC
Parameter
Rating
Thermal Resistance θjc
126ºC/W
Transistor Power Dissipation Pd
0.159W
Junction Temperature Rise
Above Case Tjc
20ºC
* Over temperature performance limits for part number CA1021, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - A1021

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1021 MACOM-A1021 Datasheet
104Kb / 1P
TO-8 CASCADABLE AMPLIFIER
A1021 MACOM-A1021 Datasheet
371Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
A1021 MA-COM-A1021 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1000 MHz
A1021-SMA1021 MA-COM-A1021-SMA1021 Datasheet
1Mb / 2P
Cascadable Amplifier
A1021-SMA1021 MA-COM-A1021-SMA1021_15 Datasheet
1Mb / 2P
Cascadable Amplifier
More results

Similar Description - A1021

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1031 MACOM-A1031 Datasheet
115Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A19-1 MACOM-A19-1 Datasheet
110Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A66-1 MACOM-A66-1 Datasheet
108Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A12 MACOM-A12_1 Datasheet
371Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A17 MACOM-A17_1 Datasheet
360Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A19-1 MACOM-A19-1_1 Datasheet
364Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A66-1 MACOM-A66-1_1 Datasheet
383Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A1031 MACOM-A1031_1 Datasheet
375Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
RA66 MA-COM-RA66 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1000 MHz
A66-1 MA-COM-A66-1_15 Datasheet
737Kb / 5P
Cascadable Amplifier 10 to 1000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com