Electronic Components Datasheet Search
  English  ▼

X  

ADC0841CCV Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0841CCV
Description  8-Bit P Compatible A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0841CCV Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC0841CCV Datasheet HTML 4Page - National Semiconductor (TI) ADC0841CCV Datasheet HTML 5Page - National Semiconductor (TI) ADC0841CCV Datasheet HTML 6Page - National Semiconductor (TI) ADC0841CCV Datasheet HTML 7Page - National Semiconductor (TI) ADC0841CCV Datasheet HTML 8Page - National Semiconductor (TI) ADC0841CCV Datasheet HTML 9Page - National Semiconductor (TI) ADC0841CCV Datasheet HTML 10Page - National Semiconductor (TI) ADC0841CCV Datasheet HTML 11Page - National Semiconductor (TI) ADC0841CCV Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Applications Information (Continued)
The full-scale adjustment should be made [with the proper
V
IN (−) voltage applied] by forcing a voltage to the VIN(+) in-
put which is given by:
where V
MAX=the high end of the analog input range and
V
MIN=the low end (the offset zero) of the analog range. (Both
are ground referenced.)
The V
REF (or VCC) voltage is then adjusted to provide a code
change from FE
HEX to FFHEX. This completes the adjust-
ment procedure.
For an example see the Zero-Shift and Span Adjust circuit
below.
DS008557-11
a) Ratiometric
DS008557-12
b) Absolute with a Reduced Span
FIGURE 1. Referencing Examples
Zero Shift and Span Adjust (2V
≤V
IN≤5V)
DS008557-13
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com