Electronic Components Datasheet Search
  English  ▼

X  

ADC0848BCV Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0848BCV
Description  8-Bit uP Compatible A/D Converters with Multiplexer Options
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0848BCV Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC0848BCV Datasheet HTML 1Page - National Semiconductor (TI) ADC0848BCV Datasheet HTML 2Page - National Semiconductor (TI) ADC0848BCV Datasheet HTML 3Page - National Semiconductor (TI) ADC0848BCV Datasheet HTML 4Page - National Semiconductor (TI) ADC0848BCV Datasheet HTML 5Page - National Semiconductor (TI) ADC0848BCV Datasheet HTML 6Page - National Semiconductor (TI) ADC0848BCV Datasheet HTML 7Page - National Semiconductor (TI) ADC0848BCV Datasheet HTML 8Page - National Semiconductor (TI) ADC0848BCV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
6.5V
Voltage
Logic Control Inputs
−0.3V to +15V
At Other Inputs and Outputs
−0.3V to V
CC+0.3V
Input Current at Any Pin (Note 3)
5 mA
Package Input Current (Note 3)
20 mA
Storage Temperature
−65˚C to +150˚C
Package Dissipation at T
A=25˚C
875 mW
ESD Susceptibility (Note 4)
800V
Lead Temperature
(Soldering, 10 seconds)
Dual-In-Line Package (Plastic)
260˚C
Dual-In-Line Package (Ceramic)
300˚C
Molded Chip Carrier Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
Operating Conditions (Notes 1, 2)
Supply Voltage (V
CC)
4.5 V
DC to 6.0 VDC
Temperature Range
T
MIN≤TA≤TMAX
ADC0844CCN, ADC0848BCN,
0˚C
≤T
A≤70˚C
ADC0848CCN
ADC0844BCJ, ADC0844CCJ,
−40˚C
≤T
A≤85˚C
ADC0848BCV, ADC0848CCV
Electrical Characteristics
The following specifications apply for V
CC = 5VDC unless otherwise specified.Boldface limits apply from TMIN to TMAX; all
other limits T
A = Tj = 25˚C.
Parameter
Conditions
ADC0844BCJ
ADC0844CCJ
ADC0844CCN
ADC0848BCN, ADC0848CCN
ADC0848BCV, ADC0848CCV
Limit
Units
Typ
Tested
Design
Typ
Tested
Design
(Note 5)
Limit
Limit
(Note 5)
Limit
Limit
(Note 6)
(Note 7)
(Note 6)
(Note 7)
CONVERTER AND MULTIPLEXER CHARACTERISTICS
Maximum Total
VREF=5.00 VDC
Unadjusted Error
(Note 8)
ADC0844BCN, ADC0848BCN, BCV
±1⁄2
±1⁄2
LSB
ADC0844CCN, ADC0848CCN, CCV
±1
±1
LSB
ADC0844CCJ
±1
LSB
Minimum Reference
2.4
1.1
2.4
1.2
1.1
k
Ω
Input Resistance
Maximum Reference
2.4
5.9
2.4
5.4
5.9
k
Ω
Input Resistance
Maximum Common-Mode
(Note 9)
VCC+0.05
VCC+0.05
VCC+0.05
V
Input Voltage
Minimum Common-Mode
(Note 9)
GND−0.05
GND−0.05
GND−0.05
V
Input Voltage
DC Common-Mode Error
Differential Mode
±1/16
±1⁄4
±1/16
±1⁄4
±1⁄4
LSB
Power Supply Sensitivity
VCC=5V±5%
±1/16
±1⁄8
±1/16
±1⁄8
±1⁄8
LSB
Off Channel Leakage
(Note 10)
Current
On Channel=5V,
−1
−0.1
−1
µA
Off Channel=0V
On Channel=0V,
1
0.1
1
µA
Off Channel=5V
DIGITAL AND DC CHARACTERISTICS
VIN(1), Logical “1” Input
VCC=5.25V
2.0
2.0
2.0
V
Voltage (Min)
VIN(0), Logical “0” Input
VCC=4.75V
0.8
0.8
0.8
V
Voltage (Max)
IIN(1), Logical “1” Input
VIN=5.0V
0.005
1
0.005
1
µA
Current (Max)
IIN(0), Logical “0” Input
Current (Max)
VIN=0V
−0.005
−1
−0.005
−1
µA
VOUT(1), Logical “1”
VCC=4.75V
Output Voltage (Min)
IOUT=−360 µA
2.4
2.8
2.4
V
IOUT=−10 µA
4.5
4.6
4.5
V
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com