Electronic Components Datasheet Search
  English  ▼

X  

PR500 Datasheet(PDF) 1 Page - DENSEI-LAMBDA

Part # PR500
Description  Rectifier module 500W
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

PR500 Datasheet(HTML) 1 Page - DENSEI-LAMBDA

  PR500 Datasheet HTML 1Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
110
Note 1: Model name, Input voltage range, Nominal output voltage, Maximum output current
and country of manufacture are shown here.
Note 2: Input & output terminal
4-ø2
6-ø0.6
PR-SERIES
Rectifier module 500W
Features
marking (Low Voltage Directive)
Rectifier module
AC filtering module used in AC front end of DC-DC module.
Connect external filtering capacitor to output.
Input 100V/200VAC
Output voltage detecting signal (power-on signal)
Power failure alarm signal during instant input
Wide baseplate temperature: –20 ~ +85°C
Conduction cooling
2 year warranty
(Low Voltage Directive)
: Safety standard approved
Model name
PR 500-280
Name of series
Nominal output
power
Nominal output
voltage
01. Input voltage range
02. Rated output voltage
03. Max. output current/power
04. Efficiency (typ)
05. Input alarm signal
06. Power on signal
07. Auxiliary power
08. Cooling
09. Operating ambient
temperature
10. Withstand voltage
11. Safety standard
85 ~ 132VAC/170 ~ 265VAC (47 ~ 440Hz) selectable
280VDC (230 ~ 370VDC)
85 ~ 132VAC: 2.1A 500W, 170 ~ 265VAC: 3.15A 750W
95%: 200VAC at full load
Detection signal output when input 10mS or more is interrupted (ACF terminal)
Signal output while output voltage is supplied (ENA terminal)
Connect to control terminal of DC-DC converter module
Auxiliary power output for external signal (AUX terminal: DC16 ~ 20V 10mA max.)
Conduction cooling (Heatsink & airflow has to be chosen according to instruction manual)
Baseplate temperature: –20 ~ +85°C (output derating is different according to condition)
Ambient temperature: above –20°C
Input/output terminal to baseplate: 3.0kVAC for 1 min.
Approved by UL1950
, CSA950(C-UL)
and EN60950(BSI)
Specifications
85 ~ 132VAC
170 ~ 265VAC
8.8A (input at 100VAC)
6.6A (input at 200VAC)
PR500-280
2.10A (output at 240VDC)
3.15A (output at 240VDC)
500W
750W
Model
Input current (typ)
Max. output current
UL
CSA
EN
Product lineup
280VDC
(230 ~ 370VDC)
Outline drawings
Block diagram
[Input 100VAC]
[Input 200VAC]
For 100/200V input selection, connect
center mode of C1 and C2 to AC(N) of
PR500 connector.
(C1, C2: cap for voltage doubler rectifier
and filtering capacitor)
(Unit: mm)
Multigrades : 2 year warranty
Input voltage
range
Nominal output
voltage
Max. output
power
Request customer specification for further details of specifications, outline, characteristics, etc.
Read the instruction manual before usage.
Contact us about delivery before ordering.
R (in-rush current limiting resistor)
R (in-rush current limiting resistor)


Similar Part No. - PR500

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
PR5001 ZSELEC-PR5001 Datasheet
136Kb / 2P
5.0A FAST RECOVERY DIODE
logo
PREMA Semiconductor.
PR5001 PREMA-PR5001 Datasheet
1Mb / 6P
2 Photodiodes in One Chip for Spatially Resolved Light Detection
PR5001-ARC PREMA-PR5001-ARC Datasheet
1Mb / 6P
2 Photodiodes in One Chip for Spatially Resolved Light Detection
PR5001-IR PREMA-PR5001-IR Datasheet
2Mb / 6P
2 Photodiodes for Spatially Resolved IR Light Detection
logo
Zibo Seno Electronic En...
PR5001G ZSELEC-PR5001G Datasheet
137Kb / 2P
5.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results

Similar Description - PR500

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PAF500F48 LAMBDA-PAF500F48 Datasheet
87Kb / 1P
High Power DC-DC Module 500W ~ 700W?
PF1000A LAMBDA-PF1000A Datasheet
121Kb / 2P
PFHC module 500W, 1000W
PT500 LAMBDA-PT500 Datasheet
87Kb / 1P
DC-DC transformer module 500W
logo
List of Unclassifed Man...
R2A-500D1V2 ETC2-R2A-500D1V2 Datasheet
319Kb / 12P
500W500W 2/3U Redundant Power Supply.
R4B-500G1V2 ETC2-R4B-500G1V2 Datasheet
328Kb / 13P
500W500W Mini Redundant Power Supply
R4S-500G1V2 ETC2-R4S-500G1V2 Datasheet
319Kb / 13P
500W500W Mini Redundant Power Supply
EFRP-G507 ETC2-EFRP-G507 Datasheet
451Kb / 2P
500W ERP1U Redundant Power Module
EFRP-S500 ETC2-EFRP-S500 Datasheet
371Kb / 2P
500W Redundant Power Module
EFRP-S507 ETC2-EFRP-S507 Datasheet
286Kb / 2P
500W ERP1U Redundant Power Module
logo
Astrodyne Corporation
T100100070-LF ASTRODYNE-T100100070-LF Datasheet
54Kb / 2P
500W 27 Volt Environmentally Sealed Power Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com