Electronic Components Datasheet Search
  English  ▼

X  

VT15 Datasheet(PDF) 1 Page - DENSEI-LAMBDA

Part # VT15
Description  Triple output 15W ~ 60W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

VT15 Datasheet(HTML) 1 Page - DENSEI-LAMBDA

  VT15 Datasheet HTML 1Page - DENSEI-LAMBDA VT15 Datasheet HTML 2Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
83
VT-SERIES
Triple output 15W ~ 60W
1. Input voltage range
2. Output voltage
range
3. Cooling
4. Operating ambient
temperature
(Standard mounting)
5. Withstand voltage
6. Safety standard
7. EMI
8. Functions
85 ~ 132VAC (47 ~ 440Hz), 110 ~ 175VDC
CH1: +5V (5.0 ~ 5.25V), CH2: Fixed, CH3: Fixed
Convection cooling
–10 ~ +60°C
Output derating –10 ~ +50°C : 100%, +60°C : 70%
Input–output: 2kVAC, Input–FG: 2kVAC, Output-chassis: 500VAC for 1 min.
Approved by UL1950-D3
and CSA1402C
Conforms to VCCI-class B and FCC class B
Over voltage protection (CH1), Over current protection
Model name
VT 15-522
Features
Triple output
9 models, 15W, 30W, 60W
Wide input voltage range: 85 ~ 132VAC
Isolation between CH1 (5V) and ±CH
Compact, low profile and board type
1 year warranty
Name of series
Output power : 3 types in 15W ~ 60W
output voltage
code
Specifications
1 year warranty
Product lineup
: Safety standard approved
Contact us about delivery before ordering.
VT15-522
VT15-5FF
VT15-525
VT30-522
VT30-5FF
VT30-525
VT60-522
VT60-5FF
VT60-525
VT15
VT30
VT60
CH1
CH2
CH3
CH1
CH2
CH3
CH1
CH2
CH3
CH1
CH2
CH3
CH1
CH2
CH3
CH1
CH2
CH3
CH1
CH2
CH3
CH1
CH2
CH3
CH1
CH2
CH3
5V
+12V
–12V
5V
+15V
–15V
5V
+12V
–5V
5V
+12V
–12V
5V
+15V
–15V
5V
+12V
–5V
5V
+12V
–12V
5V
+15V
–15V
5V
+12V
–5V
0.2~2A
0.3A
0.2A
0.2~2A
0.3A
0.2A
0.2~2A
0.3A
0.2A
0.3~3A
1.2A
0.3A
0.3~3A
1A
0.3A
0.3~3A
1.2A
0.3A
0.5~5A
2A
0.5A
0.5~5A
1.6A
0.5A
0.5~5A
2A
0.5A
16W
16W
16W
17.5W
17.5W
17.5W
14.6W
14.6W
14.6W
33W
33W
33W
34.5W
34.5W
34.5W
30.9W
30.9W
30.9W
55W
55W
55W
56.5W
56.5W
56.5W
51.5W
51.5W
51.5W
Model name
CH
Nominal output voltage
Max. output current
Total max. output power
UL
CSA
522: 5V, +12V, –12V
5FF: 5V, +15V, –15V
525: 5V, +12V, –5V
VT60
VT30
VT15


Similar Part No. - VT15

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
VT1500 EDI-VT1500 Datasheet
43Kb / 2P
HIGH VOLTAGE 50 mA SILICON RECTIFIERS
More results

Similar Description - VT15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IT-60 MEANWELL-IT-60 Datasheet
415Kb / 2P
60W Isolated Triple Output Switching Power Supply
RPT-60 MEANWELL-RPT-60 Datasheet
777Kb / 3P
60W Triple Output Medical Type
T-60 MEANWELL-T-60 Datasheet
386Kb / 2P
60W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
T-60 RSG-T-60 Datasheet
163Kb / 2P
60W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RPT-60 MEANWELL-RPT-60_11 Datasheet
789Kb / 3P
60W Triple Output Medical Type
T-60 MEANWELL-T-60_10 Datasheet
394Kb / 2P
60W Triple Output Switching Power Supply
RPT-60 MEANWELL-RPT-60_12 Datasheet
821Kb / 3P
60W Triple Output Medical Type
logo
TDK Electronics
MTW15-51212 TDK-MTW15-51212 Datasheet
294Kb / 2P
15W to 60W Low Profi le Triple Output Power Supplies
logo
CINCON ELECTRONICS Corp...
CFM60T CINCON-CFM60T Datasheet
377Kb / 2P
60W TRIPLE OUTPUT AC-DC MODULES
logo
ETA-USA
WRM-00X-O ETA-USA-WRM-00X-O Datasheet
825Kb / 3P
15W AC/DC Triple Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com