Electronic Components Datasheet Search
  English  ▼

X  

SWT100-522 Datasheet(PDF) 1 Page - DENSEI-LAMBDA

Part # SWT100-522
Description  Triple output 30W ~ 100W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

SWT100-522 Datasheet(HTML) 1 Page - DENSEI-LAMBDA

  SWT100-522 Datasheet HTML 1Page - DENSEI-LAMBDA SWT100-522 Datasheet HTML 2Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
81
SWT-SERIES
Triple output 30W ~ 100W
SWT30-522
SWT30-5FF
SWT30-525
SWT40-522
SWT40-5FF
SWT40-525
SWT30
SWT40
CH1
CH2
CH3
CH1
CH2
CH3
CH1
CH2
CH3
CH1
CH2
CH3
CH1
CH2
CH3
CH1
CH2
CH3
Model name
CH
UL CSA EN
+5V
+12V
–12V
+5V
+15V
–15V
+5V
+12V
–5V
+5V
+12V
–12V
+5V
+15V
–15V
+5V
+12V
–5V
Nominal
output voltage
2A
1.5A
0.3A
2A
1A
0.3A
2A
1.5A
0.3A
3A
2A
0.3A
3A
1.5A
0.3A
3A
2A
0.3A
Max.
output current
0.2A
0.4A
0A
0.2A
0.4A
0A
0.2A
0.4A
0A
0.2A
0.3A
0A
0.2A
0.3A
0A
0.2A
0.3A
0A
Min.
output current
3A
3A
–
3A
2.2A
–
3A
3A
–
4.5A
3A
–
4.5A
2.4A
–
4.5A
3A
–
31.6W
(49.6W)
29.5W
(47.5W)
29.5W
(47.5W)
42.6W
(54.6W)
42.0W
(51.6W)
40.5W
(51.6W)
Max. peak
output current
Total max.
output power
1. Input voltage range
2. Output voltage
range
3. Cooling
4. Operating ambient
temperature
(Standard mounting)
5. Withstand voltage
6. Safety standard
7. EMI
8. Peak output current
9. Functions
SWT30, 40, 100: 85 ~ 265VAC (47 ~ 63Hz), 110 ~ 330VDC universal input
SWT65 : 85 ~ 132VAC /170 ~ 265VAC (47 ~ 63Hz) auto-selectable
Fixed
Convection cooling
0 ~ +60°C
Output derating 0 ~ +50°C : 100%, +60°C : 70%
Input–output: 3kVAC, Input–FG: 2.5kVAC for 1 min.
Approved by UL1950
, CSA950
and EN60950
(BSI).
Conforms to EN55011-B, EN55022-B, FCC class B and VCCI-class B
SWT30 CHI: +5V 2A (peak 3A) CH2: +12V 1.5A (peak 3A)/+15V 1A (peak 2.2A)
SWT40 CHI: +5V 3A (peak 4.5A) CH2: +12V 2A (peak 3A)/+15A 1.5A (peak 2.4A)
Over voltage protection (CH1), Over current protection
Model name
SWT 30-522
Features
marking (Low Voltage Directive)
Defact standard size in computer market
30W, 50W: 3 x 5 inch
65W: 3.5 x 6 inch
Wide input voltage range:
30W, 40W, 100W types: 85 ~ 265VAC universal input
65W type: 100/200VAC auto-selectable
Compact and low price
1 year warranty
Name of series
Output power: 4 models
30W ~ 100W
Nominal output voltage
Specifications
(Low Voltage Directive)
1 year warranty
Product lineup
SWT65-522
SWT65-5FF
SWT65-525
SWT100-522
SWT100-5FF
SWT100-525
SWT65
SWT100
CH1
CH2
CH3
CH1
CH2
CH3
CH1
CH2
CH3
CH1
CH2
CH3
CH1
CH2
CH3
CH1
CH2
CH3
Model name
CH
UL CSA EN
0.3A
0A
0A
0.3A
0A
0A
0.3A
0A
0A
0.5A
0A
0A
0.5A
0A
0A
0.5A
0A
0A
Min.
output current
+5V
+12V
–12V
+5V
+15V
–15V
+5V
+12V
–5V
+5V
+12V
–12V
+5V
+15V
–15V
+5V
+12V
–5V
Nominal
output voltage
6A
2.5A
0.5A
6A
1.8A
0.5A
6A
2.5A
0.5A
8A
4A
0.8A
8A
3.2A
0.8A
8A
4A
0.8A
Max.
output current
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
66W
64.5W
62.5W
97.6W
100W
92W
Max. peak
output current
Total max.
output power
: Safety standard approved
Request customer specification for further details of specifications, outline, characteristics, etc.
Read the instruction manual before usage.
Contact us about delivery before ordering.
522: 5V, +12V, –12V
5FF: 5V, +15V, –15V
525: 5V, +12V, –5V
SWT100
SWT40
SWT30
SWT65


Similar Part No. - SWT100-522

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SWT121200 SUNNYWAY-SWT121200 Datasheet
577Kb / 1P
Initial Charging Current less than 35 A
SWT12800 SUNNYWAY-SWT12800 Datasheet
676Kb / 1P
Initial Charging Current less than 20A
More results

Similar Description - SWT100-522

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
JWT75 LAMBDA-JWT75 Datasheet
425Kb / 3P
Triple output 75 ~ 100W
ZT30 LAMBDA-ZT30 Datasheet
152Kb / 2P
Triple output 30W ~ 170W
logo
Astrodyne Corporation
TP-100 ASTRODYNE-TP-100 Datasheet
350Kb / 2P
100W Triple Output with PFC Function
logo
Mean Well Enterprises C...
T-30 MEANWELL-T-30 Datasheet
445Kb / 2P
30W Triple Output Switching Power Supply
TP-100 MEANWELL-TP-100 Datasheet
322Kb / 2P
100W Triple Output with PFC Function
logo
Murata Manufacturing Co...
TWR30W MURATA-TWR30W Datasheet
175Kb / 5P
30W, Triple Output DC/DC Converters
logo
RSG Electronic Componen...
TP-100 RSG-TP-100 Datasheet
143Kb / 2P
100W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-100 MEANWELL-TP-100_10 Datasheet
331Kb / 2P
100W Triple Output with PFC Function
logo
SL Power Electronics
FLU3-100 SLPOWER-FLU3-100 Datasheet
484Kb / 4P
100W TRIPLE OUTPUT SWITCHING POWER SUPPLIES
logo
TDK Electronics
JWT75-522 TDK-JWT75-522 Datasheet
1Mb / 10P
Triple Output 75W, 100W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com