Electronic Components Datasheet Search
  English  ▼

X  

DS500-P111 Datasheet(PDF) 2 Page - SICK AG

Part # DS500-P111
Description  LONG RANGE DISTANCE SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DS500-P111 Datasheet(HTML) 2 Page - SICK AG

  DS500-P111 Datasheet HTML 1Page - SICK AG DS500-P111 Datasheet HTML 2Page - SICK AG DS500-P111 Datasheet HTML 3Page - SICK AG DS500-P111 Datasheet HTML 4Page - SICK AG DS500-P111 Datasheet HTML 5Page - SICK AG DS500-P111 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DS500-P111 | Dx500
LONG RANGE DISTANCE SENSORS
Ordering information
Type
Part no.
DS500-P111
1026519
Other models and accessories
www.sick.com/Dx500
Detailed technical data
Performance
Measuring range
0.2 m ... 30 m, 90 % remission 1) 2)
0.8 m ... 15 m, 6 % remission 1) 2)
Resolution
≤ 1 mm
Accuracy
± 3 mm
Response time
250 ms
Light source
Laser, red 3)
Laser class
2 (EN 60825/21 CFR 1.040)
Typ. light spot size (distance)
10 mm (at 7 m)
45 mm (at 30 m)
100 mm (at 70 m)
1) In ambient light, max. 1 klx of constant light.
2) Unique up to 150 m.
3) Average service life of 50,000 h at TA = +25 °C.
Interfaces
Switching output
PNP (< 100 mA) 1)
Multifunctional input (MF)
< 2 V 2) 3)
Hysteresis
± 6 %
1) PNP: HIGH = VS - (< 2.5 V) / LOW = < 2.5 V; NPN: HIGH = < 2.5 V / LOW = VS.
2) Refer to function MF input.
3) NPN < 2  V.
Mechanics/electronics
Supply voltage Vs
DC 10 V ... 30 V, reverse polarity protected
UV ≥ DC 24 V for devices with heating
Ripple
5 Vpp 1)
Power consumption
Typ. 3 W
Initialization time
500 ms
Connection type
Male connector, M12, 5-pin
Weight
1,000 g
1) May not fall short of or exceed VS tolerances.
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-05-02 22:08:07
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com