Electronic Components Datasheet Search
  English  ▼

X  

LMZ22010TZ Datasheet(PDF) 13 Page - Texas Instruments

Part # LMZ22010TZ
Description  10A SIMPLE SWITCHER Power Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ22010TZ Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMZ22010TZ Datasheet HTML 9Page - Texas Instruments LMZ22010TZ Datasheet HTML 10Page - Texas Instruments LMZ22010TZ Datasheet HTML 11Page - Texas Instruments LMZ22010TZ Datasheet HTML 12Page - Texas Instruments LMZ22010TZ Datasheet HTML 13Page - Texas Instruments LMZ22010TZ Datasheet HTML 14Page - Texas Instruments LMZ22010TZ Datasheet HTML 15Page - Texas Instruments LMZ22010TZ Datasheet HTML 16Page - Texas Instruments LMZ22010TZ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LMZ22010
www.ti.com
SNVS687H – MARCH 2011 – REVISED AUGUST 2015
Typical Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 12 V; CIN = three × 10 μF + 47-nF X7R Ceramic; COUT = two
× 330-
μF Specialty Polymer + 47-µF Ceramic + 47-nF Ceramic; CFF = 4.7 nF; TA = 25° C for waveforms. All indicated
temperatures are ambient.
No CSS
CSS = 0.47 µF
Figure 43. 3.3 VOUT Soft-Start
Figure 44. 3.3 VOUT Soft-Start
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMZ22010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com