Electronic Components Datasheet Search
  English  ▼

X  

TPS61007 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61007
Description  Single- and Dual-Cell Boost Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61007 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS61007 Datasheet HTML 17Page - Texas Instruments TPS61007 Datasheet HTML 18Page - Texas Instruments TPS61007 Datasheet HTML 19Page - Texas Instruments TPS61007 Datasheet HTML 20Page - Texas Instruments TPS61007 Datasheet HTML 21Page - Texas Instruments TPS61007 Datasheet HTML 22Page - Texas Instruments TPS61007 Datasheet HTML 23Page - Texas Instruments TPS61007 Datasheet HTML 24Page - Texas Instruments TPS61007 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
JA
R
A
MAX
J
T
MAX
D
P
)
(
)
(
Q
=
−
TPS61000, TPS61001, TPS61002, TPS61003
TPS61004, TPS61005, TPS61006, TPS61007
www.ti.com
SLVS279D – MARCH 2000 – REVISED AUGUST 2015
12.3 Thermal Considerations
Implementation of integrated circuits in low-profile and fine-pitch surface-mount packages typically requires
special attention to power dissipation. Many system-dependent issues such as thermal coupling, airflow, added
heat sinks and convection surfaces, and the presence of other heat-generating components affect the power
dissipation limits of a given component.
Three basic approaches for enhancing thermal performance are listed below:
•
Improving the power dissipation capability of the PWB design
•
Improving the thermal coupling of the component to the PWB
•
Introducing airflow in the system
The maximum junction temperature (TJ) of the TPS6100x devices is 125°C. The thermal resistance of the 10-pin
MSOP package (DGS) is RθJA = 161°C/W. Specified regulator operation is assured to a maximum ambient
temperature (TA) of 85°C. Therefore, the maximum power dissipation is about 248 mW. More power can be
dissipated if the maximum ambient temperature of the application is lower.
(8)
Under normal operating conditions, the sum of all losses generated inside the converter IC is less than 50 mW,
which is well below the maximum allowed power dissipation of 248 mW as calculated in Equation 8. Therefore,
power dissipation is given no special attention.
Table 6 shows where the losses inside the converter are generated.
Table 6. Losses Inside the Converter
LOSSES
AMOUNTS
Conduction losses in the switch
36 mW
Switching losses
8 mW
Gate drive losses
2.3 mW
Quiescent current losses
< 1 mW
TOTAL
< 50 mW
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS61000 TPS61001 TPS61002 TPS61003 TPS61004 TPS61005 TPS61006 TPS61007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com