Electronic Components Datasheet Search
  English  ▼

X  

MA46413 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA46413
Description  GaAs Hyperabrupt Varactor Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA46413 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA46413 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA46413 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA46413 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA46413 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA46413 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA46413 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GaAs Hyperabrupt Varactor Diode
Gamma = 1.0, 1.25, & 1.5
Rev. V7
MA46410 thru MA46480 Series
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Constant Gamma = 1.0, 1.25 & 1.5
 High Q (up to 4000 at -4 Volts)
 More Linear Frequency Tuning
 High and Nearly Constant Modulation Sensitivity
 Lead-Free (RoHS Compliant) equivalents
available with 260°C reflow compatibility
Description and Applications
The MA46450, MA46470 and MA46410 series of
tuning varactors are hyperabrupt junction Gallium
Arsenide diodes featuring constant gamma 1.0
(MA46450 series),1.25 (MA46470 series) & 1.5
(MA46410 series). These diodes offer high Q (up to
4000) permitting excellent tuning performance from
VHF through Ka band. Each part in this series
exhibits the large change in capacitance versus bias
voltage characteristic of hyperabrupt junctions. The
standard capacitance tolerance is ±10%, with tighter
tolerances available. Capacitance matching at one
or more bias voltages is also available. All diode
types are available in a wide selection of ceramic
packages and in chip form. The constant gamma
value of 1.0, 1.25 & 1.5 available with these diodes
enables the circuit designer to produce significant
improvements in circuit performance. Constant
gamma tuning varactors permit more linear VCO
frequency tuning than do conventional hyperabrupt
tuning varactors. These varactors are particularly
well suited for use in voltage tuned filters, analog
phase shifters, and modulator circuits.
Absolute Maximum Ratings1
@ TA=+25 °C (Unless Otherwise Noted)
1. Operation of this device above any one of these parameters
may cause permanent damage.The maximum storage and
operating temperature of the plastic ODS-1088 case style is
125°C.
Parameter
Absolute Maximum
Reverse Voltage
Breakdown Voltage
Operating Temperature
-65°C to +175°C
Storage Temperature
65°C to +200°C
Common Case Styles
ODS-30
ODS-134 Die
0.1
1
10
1
10
100
Gamma = 1.0
Gamma = 1.25
Gamma = 1.5
Tuning Voltage (VR) + 0 V
Typical Junction Capacitance vs. Tuning Voltage
Packaged Tuning Varactor Equivalent Circuit


Similar Part No. - MA46413

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA46413 MACOM-MA46413 Datasheet
198Kb / 5P
GaAs Constant Gamma Hyperabrupt Tuning Varactors
MA46413 MACOM-MA46413 Datasheet
267Kb / 5P
GaAs Hyperabrupt Varactor Diode Gamma= 1.0, 1.25 & 1.50
logo
M/A-COM Technology Solu...
MA46413 MA-COM-MA46413 Datasheet
272Kb / 5P
GaAs Hyperabrupt Varactor Diode Gamma = 1.0, 1.25, & 1.50
More results

Similar Description - MA46413

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
GMV7811 SKYWORKS-GMV7811 Datasheet
61Kb / 3P
GaAs Hyperabrupt Junction Varactor Diodes
logo
Sensitron
SCP-5761 SENSITRON-SCP-5761 Datasheet
83Kb / 2P
GaAs CONSTANT GAMMA HYPERABRUPT VARACTOR DIODE
SCP-5760 SENSITRON-SCP-5760 Datasheet
83Kb / 2P
GaAs CONSTANT GAMMA HYPERABRUPT VARACTOR DIODE
SCP-5758 SENSITRON-SCP-5758 Datasheet
163Kb / 2P
HYPERABRUPT VARACTOR DIODE
logo
Microsemi Corporation
MV30011 MICROSEMI-MV30011 Datasheet
189Kb / 4P
GaAs Varactor Diodes Hyperabrupt
logo
M/A-COM Technology Solu...
MA46410_V8 MA-COM-MA46410_V8 Datasheet
274Kb / 5P
GaAs Hyperabrupt Varactor Diode
MA46410-480 MA-COM-MA46410-480 Datasheet
580Kb / 5P
GaAs Hyperabrupt Varactor Diode
MA46410-480 MA-COM-MA46410-480_15 Datasheet
580Kb / 5P
GaAs Hyperabrupt Varactor Diode
MGV100-X MA-COM-MGV100-X Datasheet
506Kb / 5P
GaAs Hyperabrupt Varactor Diodes
MGV125-X MA-COM-MGV125-X Datasheet
500Kb / 5P
GaAs Hyperabrupt Varactor Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com