Electronic Components Datasheet Search
  English  ▼

X  

MA46604 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA46604
Description  GaAs High Q Abrupt Tuning Varactors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA46604 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA46604 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA46604 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA46604 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
GaAs High Q Abrupt Tuning Varactors
Rev. V6
MA46600 Series
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Electrical Specifications @ TA = +25 °C
Gamma 0.5 Abrupt Tuning Varactors
Breakdown Voltage @ 10 μA = 30 V minimum
Reverse Current @ 24 V = 100 nA maximum
Gamma = 0.48 - 0.50, VR = 0 to 30 V
Part
Number
Break-
down
Voltage6
Vb
Total
Capaci-
tance1,2
+/-10%
Total
Capacitance
Ratio1,2,4
Q
Minimum
Ir=10 µA
Vr=4 V
Vr=0 V
Vr=30 V
Vr=4 V
f=50 MHz
(V)
(pF)
-
-
MA46600
30
0.3
1.9
8000
MA46602
30
0.5
2.5
7000
MA46603
30
0.6
2.8
6500
MA46604
30
0.8
3.2
6000
1.
Capacitance is measured at 1 MHz on a bridge which has
been balanced with shielded test holders connected in
place but open circuited.
2.
All GaAs tuning varactors are available in any case style
shown in this bulletin as well as in chip form. When order-
ing, specify the desired case by adding the case designa-
tion as a suffix to the model number, i.e., MA46601-30. For
example, a MA46601-30 specifies a 30 volt tuning diode in
a case style 30 with a Ct@-4v between .36 and .44 pF and
a Q at -4 volts and 50 MHz
7500. The capacitance values
and capacitance ratios are for case style 30. Other case
styles or chips will have slightly different values.
3.
All junctions are abrupt i.e., y = 0.50 ± .03.
4.
Total capacitance ratios will vary with case choice due to
differences in case capacitance (Cp). Figure 1 shows the
ratio for the 30 case style.
5.
Case parasitics (Cp and Ls) are given for most case styles.
6.
Breakdown voltage (VB) is specified at -10 μA.
Environmental Ratings
Method Levels
Temperature, Storage
1031
See Maximum Ratings
Temperature, Cycling
1051
5 cycles, -65 to + 150 C
Shock
2016
500 g’s
Vibration
2056
15 g’s
Constant Acceleration
2006
20,000 g’s
Moisture Resistance
1021
10 days
Typical Performance Curves
Specifications subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com