Electronic Components Datasheet Search
  English  ▼

X  

MA47223 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MA47223
Description  Stripline PIN Diode Switch Modules
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA47223 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MA47223 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA47223 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA47223 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA47223 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA47223 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Stripline PIN Diode Switch Modules
V5
MA47200 Series
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Inspection
Method
Condition
Storage
Temperature
1031
- 65°C to +175°C
Operating
Temperature
——
- 65°C to +150°C
Temperature
Cycling
1051
5 cycles
- 65°' to + 150°C
Shock
2016
500 g’s
Vibration
2056
15 g’s
Constant
Acceleration
2006
20,000 g’s
Humidity
1021
10 days
Environmental Ratings (Per MIL-STD 750)
The following table is recommended for Group B & C testing
for TX and TXV level screening.
Inspection
Method
Condition
Internal Visual
2074
See Note 1
High Temp.
Storage
1032
48 hours minimum @
max. storage temp.
Thermal Shock
1051
10 Cycles
Constant
Acceleration
2006
20,000 g's, Y1
Fine Leak
1071
H
Gross Leak
1071
C or E
Electrical
——
See Note
Burn-In
1038
See Note
Screened Diodes (Per MIL-STD 750)
Suggested 100% preconditioning and screening for TX
level and TXV level screening.
1.
Conditions and details of test depend on specific model
number. Information available upon request.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com