Electronic Components Datasheet Search
  English  ▼

X  

MAAMSS0044TR Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0044TR
Description  Push Pull CATV Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0044TR Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0044TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0044TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0044TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0044TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0044TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAMSS0044TR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Push Pull CATV Amplifier
50 - 1000 MHz
Rev. V1
MAAMSS0044
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Input Return Loss vs. Frequency
Gain vs. Frequency to 3 GHz
Gain vs. Frequency
Output Return Loss vs. Frequency
Typical Performance Curves
10
11
12
13
14
0
250
500
750
1000
+25°C
-40°C
+85°C
Frequency (MHz)
-50
-40
-30
-20
-10
0
0
250
500
750
1000
+25°C
-40°C
+85°C
Frequency (MHz)
Noise Figure vs. Frequency
0
1
2
3
4
5
0
250
500
750
1000
+25°C
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
0
250
500
750
1000
+25°C
-40°C
+85°C
Frequency (MHz)
-10
-5
0
5
10
15
20
0
500
1000
1500
2000
2500
3000
+25°C
-40°C
+85°C
Frequency (MHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com