Electronic Components Datasheet Search
  English  ▼

X  

MAATSS0018 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0018
Description  Digital Attenuator, 10 dB, 1-Bit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0018 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0018 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0018 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0018 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATSS0018 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATSS0018 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Digital Attenuator, 10 dB, 1-Bit
DC - 2.0 GHz
Rev. V2
MAATSS0018
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Single 10 dB Step
 Low Loss: 0.3 dB @ 900 MHz
 Lead-Free SOT-25 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of AT-266
Description
The MAATSS0018 is a 1 bit, 10 dB step GaAs
MMIC digital attenuator in a lead-free SOT-25
surface mount plastic package.
The MAATSS0018 is ideally suited for use where
high accuracy, very low power consumption and low
intermodulation products are required. Typical
applications include radio, wireless LANs, GPS
equipment and other gain / level control circuits.
The MAATSS0018 is a GaAs MMIC using a mature
1-micron process. The process features full chip
passivation for increased performance and reliability.
Ordering Information1,2
Part Number
Package
MAATSS0018
Bulk Packaging
MAATSS0018TR
1000 piece reel
MAATSS0018SMB
Sample Board
Pin No.
Function
Description
1
RF1
RF In/Out
2
GND
RF Ground
3
RF2
RF In/Out
4
V1
Control Voltage
5
V2
Control Voltage
Pin Configuration
Functional Block Diagram
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
RF1
GND
RF2
V2
V1


Similar Part No. - MAATSS0018

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0018 MACOM-MAATSS0018 Datasheet
207Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
Digital Attenuator
logo
Tyco Electronics
MAATSS0018TR MACOM-MAATSS0018TR Datasheet
207Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0018TR MA-COM-MAATSS0018TR Datasheet
126Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
More results

Similar Description - MAATSS0018

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA103-72 ALPHA-AA103-72 Datasheet
24Kb / 2P
GaAs IC 1 Bit Digital Attenuator 10 dB LSB DC-2.5 GHz
logo
Tyco Electronics
AT-266 MACOM-AT-266 Datasheet
66Kb / 2P
Digital Attenuator, 1 Bit, 10 dB Step DC - 2.0 GHz
MAATSS0018 MACOM-MAATSS0018 Datasheet
207Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
logo
Skyworks Solutions Inc.
AA103-72 SKYWORKS-AA103-72_07 Datasheet
82Kb / 4P
GaAs IC 1-Bit Digital Attenuator 10 dB LSB LF-2.5 GHz
logo
M/A-COM Technology Solu...
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
AT-266 MA-COM-AT-266 Datasheet
126Kb / 3P
Digital Attenuator, 1 Bit, 10 dB Step DC - 2.0 GHz
AT-267 MA-COM-AT-267 Datasheet
81Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
MAADSS0008 MA-COM-MAADSS0008 Datasheet
78Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
logo
Hittite Microwave Corpo...
HMC110 HITTITE-HMC110_01 Datasheet
112Kb / 4P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 10 GHz
HMC800LP3E HITTITE-HMC800LP3E Datasheet
480Kb / 6P
10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com