Electronic Components Datasheet Search
  English  ▼

X  

AT-910 Datasheet(PDF) 2 Page - Hirose Electric

Part # AT-910
Description  Stripline Mounting Fixed Attenuators (DC to 8 GHz)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

AT-910 Datasheet(HTML) 2 Page - Hirose Electric

  AT-910 Datasheet HTML 1Page - Hirose Electric AT-910 Datasheet HTML 2Page - Hirose Electric AT-910 Datasheet HTML 3Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
95
sSpecifications
Model No.
Attenuation
(dB)
Power
(W)
Weight
(g)
Surface Temperature
at Maximum Load
(ç Max)
DC~4GHz
4~8GHz
V.S.W.R.
(Max)
DC~8GHz
AT-900-(0)
AT-901
AT-902
AT-903
AT-904
AT-905
AT-906
AT-907
AT-908
AT-909
AT-910
0
+0.5
0
0
+0.7
0
1
±0.5
1.35
1.35
1.35
1.35
1.35
1.35
1.35
1.35
1.35
1.35
1.35
1
1
1
1
1
1
1
1
1
1
1
3
±0.7
2
±0.7
1
±0.7
4
±0.7
5
±0.7
6
±0.7
7
±0.7
8
±0.7
9
±0.7
10
±0.7
2
±0.5
3
±0.5
4
±0.5
5
±0.5
6
±0.5
7
±0.5
8
±0.5
9
±0.5
10
±0.5
+85
+85
+85
+85
+85
+85
+85
+85
+85
+85
+85
1
1
1
1
1
1
1
1
1
1
1
sExternal Dimensions
AT-900 Type



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com