Electronic Components Datasheet Search
  English  ▼

X  

BAS20W Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # BAS20W
Description  SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BAS20W Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  BAS20W Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BAS20W Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120305
BAS19W/20W/21W
SOT-323 Plastic-Encapsulate DIODE
SWITCHING DIODE
SOT323
Unit:inch(mm)
Min
Max
Min
Max
A
0.900
1.100
0.035
0.043
A1
0.000
0.100
0.000
0.004
A2
0.900
1.000
0.035
0.039
b
0.200
0.400
0.008
0.016
c
0.080
0.150
0.003
0.006
D
2.000
2.200
0.079
0.087
E
1.150
1.350
0.045
0.053
E1
2.150
2.450
0.085
0.096
e
e1
1.200
1.400
0.047
0.055
L
L1
0.260
0.460
0.010
0.018
θ
0°
8°
0°
8°
0.525 REF
0.021 REF
Symbol
Dimensions In Millimeters
Dimensions In Inches
0.650 TYP
0.026 TYP
FEATURES
Power dissipation
PD:
200
mW (Tamb=25℃)
Collector current
IF:
200
mA
Collector-base voltage
VR:
19W: 120 V; 20W: 150V ; 21W: 200V
Operating and storage junction temperature range
TJ, Tstg: -55℃ to +150℃
•
High temperature soldering : 260
OC / 10 seconds at terminals
•
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
ELECTRICAL CHARACTERISTICS (Tamb=25℃ unless otherwise specified)
Parameter
Symbol
Test conditions
MIN
MAX
UNIT
BAS19W
Reverse breakdown voltage
BAS20W
BAS21W
V(BR) R
IR= 100µA
100
150
200
V
BAS19W
Reverse voltage leakage current
BAS20W
BAS21W
IR
100V
VR=150V
200V
0.1
µA
Forward voltage
VF
IF=100mA
IF=200mA
1000
1250
mV
Diode capacitance
CD
VR=0V, f=1MHz
5
pF
Reveres recovery time
trr
IF=IR=30mA
Irr=0.1×IR
50
nS
H


Similar Part No. - BAS20W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS20W PANJIT-BAS20W Datasheet
110Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAS20W DIODES-BAS20W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Comchip Technology
BAS20W COMCHIP-BAS20W Datasheet
79Kb / 2P
Surface Mount Switching Diode
logo
Pan Jit International I...
BAS20W PANJIT-BAS20W Datasheet
81Kb / 2P
SURFACE MOUNT SWITCHING DIODES
logo
TRANSYS Electronics Lim...
BAS20W TEL-BAS20W Datasheet
62Kb / 1P
Plastic-Encapsulated Diode
More results

Similar Description - BAS20W

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BAV70W RECTRON-BAV70W Datasheet
379Kb / 2P
SOT-323 PLASTIC ENCAPSULATE SWITCHING DIODE
BAV99W RECTRON-BAV99W Datasheet
271Kb / 3P
SOT-323 SWITCHING DIODE
DAN217U RECTRON-DAN217U Datasheet
166Kb / 3P
SOT-323 SWITCHING DIODE
logo
WILLAS ELECTRONIC CORP
MMBD4148W WILLAS-MMBD4148W Datasheet
357Kb / 3P
SOT-323 Plastic-Encapsulate DIODE
logo
SHENZHEN YONGERJIA INDU...
BAW56W WINNERJOIN-BAW56W Datasheet
119Kb / 1P
SOT-323 Plastic-Encapsulate DIODE
logo
Yea Shin Technology Co....
BAS19W YEASHIN-BAS19W Datasheet
414Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
BAS21W YEASHIN-BAS21W Datasheet
414Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
MMBD4448W YEASHIN-MMBD4448W Datasheet
442Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
logo
Shanghai Leiditech Elec...
BAW56W LEIDITECH-BAW56W Datasheet
1Mb / 3P
SOT-323 Plastic-Encapsulate Diode
logo
Rectron Semiconductor
BAS16V RECTRON-BAS16V Datasheet
247Kb / 4P
SOT-23 Plastic-Encapsulate Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com