Electronic Components Datasheet Search
  English  ▼

X  

9507 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9507
Description  24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9507 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9507 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9507 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9507 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
(100% coverage), 24 AWG stranded TC drain Wire (continued), PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
7
24
7x32
TC - Tinned Copper
Insulation
Insulation Material:
Insulation Material
S-R PVC - Semi-Rigid Polyvinyl Chloride
Outer Shield
Outer Shield Material:
Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
Beldfoil®
Tape Aluminum Foil-Polyester Tape w/Shorting Fold 100
Outer Shield Drain Wire AWG:
AWG Stranding Drain Wire Conductor Material
24
7x32
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVC - Polyvinyl Chloride
Overall Cabling
Overall Nominal Diameter:
7.468 mm
Pair
Pair Color Code Chart:
Number Color
1
Black & Red
2
Black & White
3
Black & Green
4
Black & Blue
5
Black & Yellow
6
Black & Brown
7
Black & Orange
Mechanical Characteristics (Overall)
Operating Temperature Range:
-30°C To +80°C
Non-UL Temperature Rating:
80°C (UL AWM Style 2464)
Bulk Cable Weight:
73.368 Kg/Km
Max. Recommended Pulling Tension:
342.511 N
Min. Bend Radius (Install)/Minor Axis:
76.200 mm
Page 1 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9507 Multi-Conductor - Computer Cable for EIA RS-232 Applications


Similar Part No. - 9507

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9507 ETC1-9507 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
logo
Belden Inc.
9507 BELDEN-9507 Datasheet
166Kb / 2P
RS232, #24-7pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
logo
Keystone Electronics Co...
9507 KEYSTONE-9507 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Belden Inc.
9507.0030 BELDEN-9507.0030 Datasheet
166Kb / 2P
RS232, #24-7pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
9507.00305 BELDEN-9507.00305 Datasheet
166Kb / 2P
RS232, #24-7pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
More results

Similar Description - 9507

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344190 ETC2-1344190 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1344844 ETC2-1344844 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1344904 ETC2-1344904 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1345178 ETC2-1345178 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs
1345955 ETC2-1345955 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1345978 ETC2-1345978 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1346233 ETC2-1346233 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
31379 ETC2-31379 Datasheet
29Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1346703 ETC2-1346703 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1346980 ETC2-1346980 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com