Electronic Components Datasheet Search
  English  ▼

X  

MAPDCC0021 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0021
Description  Low Cost Eight-Way GMIC SMT Power Divider 824 ??960 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPDCC0021 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAPDCC0021 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPDCC0021 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPDCC0021 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPDCC0021 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Low Cost Eight-Way GMIC SMT Power Divider
824 – 960 MHz
Rev. V2
MAPDCC0021
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Isolation vs. Frequency
Typical Performance Curves @ 25ºC
Lead-Free, QSOP-20†
†
Reference Application Note M538 for lead-free solder reflow recommendations.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com