Electronic Components Datasheet Search
  English  ▼

X  

MASWCC0009 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWCC0009
Description  GaAs SP4T Switch, Absorptive DC - 3.0 GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWCC0009 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWCC0009 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWCC0009 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWCC0009 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWCC0009 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWCC0009 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASWCC0009 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASWCC0009 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GaAs SP4T Switch, Absorptive
DC - 3.0 GHz
Rev. V7
MASWCC0009
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Typical Isolation: 35 dB (2.0 GHz)
 Typical Insertion Loss: 1.2 dB (2.0 GHz)
 Integral ASIC/CMOS Driver
 50 Ohm Nominal Impedance
 Low DC Power Consumption
 Test Boards Available
 Lead-Free QSOP-24 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of SW65-0440
Description
M/A-COM's MASWCC0009 is a GaAs MMIC
absorptive SP4T switch with an integral silicon ASIC
driver. This device is in a 24-lead plastic package.
This switch offers excellent broadband performance
and repeatability from DC to 3 GHz, while
maintaining
low
DC
power
dissipation.
The
MASWCC0009
is
ideally
suited
for
wireless
infrastructure applications.
Ordering Information
Part Number
Package
MASWCC0009
Bulk Packaging
MASWCC0009TR
1000 piece reel
MASWCC0009-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Schematic
Pin Configuration
Pin No.
Function
Pin No.
Function
1
RFC
13
C4
2
GND
14
C3
3
RF1
15
GND
4
GND
16
GND
5
RF2
17
GND
6
NC
18
NC
7
NC
19
NC
8
NC
20
RF3
9
VEE
21
GND
10
VCC
22
RF4
11
C1
23
GND
12
C2
24
GND
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
NC = No Connection
PIN 13
C4
C3
GND
GND
GND
N/C
N/C
RF3
C1
Vcc
Vee
N/C
N/C
N/C
C2 PIN
12
RF2
GND
RF1
GND
RFC PIN
1
GND
RF4
GND
PIN 24
GND


Similar Part No. - MASWCC0009

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWCC0009 MACOM-MASWCC0009 Datasheet
327Kb / 1P
GaAs SP6T Switch, Absorptive, Single Supply DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWCC0009 MA-COM-MASWCC0009 Datasheet
181Kb / 6P
GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
MASWCC0009 MA-COM-MASWCC0009 Datasheet
175Kb / 6P
GaAs SP4T Switch, Absorptive
MASWCC0009 MA-COM-MASWCC0009 Datasheet
175Kb / 6P
GaAs SP4T Switch, Absorptive
logo
Tyco Electronics
MASWCC0009-TB MACOM-MASWCC0009-TB Datasheet
327Kb / 1P
GaAs SP6T Switch, Absorptive, Single Supply DC - 3.0 GHz
More results

Similar Description - MASWCC0009

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-314 MACOM-SW-314 Datasheet
229Kb / 3P
GaAs SP4T Absorptive Switch, DC - 3 GHz
SW15-0314 MACOM-SW15-0314 Datasheet
228Kb / 3P
GaAs SP4T Absorptive Switch, DC - 3 GHz
SW65-0314 MACOM-SW65-0314 Datasheet
216Kb / 2P
GaAs SP4T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
MASW-007073-000100 MACOM-MASW-007073-000100 Datasheet
192Kb / 4P
GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
SW-314-PIN MACOM-SW-314-PIN Datasheet
160Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
logo
M/A-COM Technology Solu...
SW15-0314 MA-COM-SW15-0314 Datasheet
117Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
SW65-0314 MA-COM-SW65-0314 Datasheet
111Kb / 4P
GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
SW65-0440 MA-COM-SW65-0440 Datasheet
180Kb / 6P
GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
MASWCC0009 MA-COM-MASWCC0009 Datasheet
181Kb / 6P
GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
MASW-007073-000100 MA-COM-MASW-007073-000100 Datasheet
112Kb / 4P
GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com