Electronic Components Datasheet Search
  English  ▼

X  

MASWCC0009TR Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASWCC0009TR
Description  GaAs SP4T Switch, Absorptive DC - 3.0 GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWCC0009TR Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASWCC0009TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWCC0009TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWCC0009TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWCC0009TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWCC0009TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASWCC0009TR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASWCC0009TR Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GaAs SP4T Switch, Absorptive
DC - 3.0 GHz
Rev. V7
MASWCC0009
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Loss Variation Over Temp. (dB)
RF1 - RF4 On VSWR @ +25°C
RF1 - RF4 On VSWR Temp. Variation
Typical Performance Curves
RFC On VSWR @ +25°C
RFC On VSWR Temp. Variation
Insertion Loss (dB) @ +25ºC
0
1
2
3
0.003
1
2
3
4
Fre que ncy (GHz )
R F 4
RF
3
R F 2
R F 1
0
1
2
3
0.003
1
2
3
4
Fre que ncy (GHz )
- 40 °C
+ 2 5 °C
+ 8 5 °C
1.0
1.5
2.0
2.5
0.003
1
2
3
4
Fre que ncy (GHz )
R F 1
R F 2
R F 3
R F 4
1.0
1.5
2.0
2.5
0.003
1
2
3
4
Fre que ncy (GHz )
+2 5
+ 8 5 °C
- 4 0
°C
1.0
1.5
2.0
2.5
0.003
1
2
3
4
Fre que ncy (GHz )
R F 1
R F 2
R F 3
R F 4
1.0
1.5
2.0
2.5
0.003
1
2
3
4
Fre que ncy (GHz )
+ 85 °C
+ 25 °C
- 40 °C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com