Electronic Components Datasheet Search
  English  ▼

X  

MASWSS0178 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0178
Description  SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0178 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0178_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0178_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0178_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0178_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0178_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPDT High Isolation Terminated Switch
0.01 - 3.0 GHz
Rev. V4
MASWSS0178
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, VC = 0 V / 5 V, Z0 = 50 Ω
5
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
0.01 - 0.5 GHz
0.5 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
dB
—
—
—
—
0.5
0.6
0.7
0.75
—
0.7
0.8
—
Isolation
0.01 - 0.5 GHz
0.5 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
dB
—
51
44
—
59
57
53
43
—
—
—
—
Return Loss
0.01 - 0.5 GHz6
0.5 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
dB
—
—
—
—
20
20
20
20
—
—
—
—
Input IP2
2-Tone, 900 MHz, 5 MHz spacing
dBm
—
83
—
Input IP3
2-Tone, 900 MHz, 5 MHz spacing
dBm
—
43
—
Input P1dB Compression
VC = 0 V/5.0 V, 1 GHz
VC = 0 V/3.0 V, 1 GHz
dBm
—
—
29
17.5
—
—
Trise, Tfall
10% to 90% RF & 90% to 10% RF
ns
—
24
—
Ton, Toff
50% of VC to 10% / 90% RF
ns
—
15
—
Transients
In-band
mV
—
12
—
Control Current
VC = 5 V
µA
—
2
13
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table
V1
V2
RFC-RF1
RFC-RF2
0
1
Off
On
1
0
On
Off
Logic Level
Voltage Level
VLOW “0”
0 ± 0.2 V
VHIGH “1”
3.0 V to 8.0 V
5. External DC blocking capacitors are required on all RF ports (47 pF capacitors are recommended). Use larger value capacitors for lower
frequency operation (e.g. use 10,000 pF capacitors to optimize insertion and return loss at frequencies below 50 MHz).
6. Terminated return loss is governed by blocking capacitors internal to the device; see applications plot.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com