Electronic Components Datasheet Search
  English  ▼

X  

MASWSS0178 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0178
Description  SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0178 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0178 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0178 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0178 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0178 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0178 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPDT High Isolation Terminated Switch
0.01 - 3.0 GHz
Rev. V4
MASWSS0178
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Positive Voltage Control: 0 / +5 V
 High Isolation: 55 dB @ 0.9 GHz
50 dB @ 1.9 GHz
 50 Ω Internal Terminations
 Low Insertion Loss: 0.6 dB @ 0.9 GHz
0.7 dB @ 1.9 GHz
 Lead-Free MSOP-8-EP Package
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of MASWSS0024
Description
The MASWSS0178 GaAs monolithic switch provides
high isolation in a lead-free, plastic surface mount
package.
The MASWSS0178 is ideal for applications across a
broad range of frequencies including synthesizer
switching, transmit / receive switching, switch
matrices and filter banks in systems such as radio
and cellular equipment, PCS, GPS, and fiber optic
modules.
M/A-COM Technology fabricates the MASWSS0178
using a 1.0-micron gate length MESFET process.
The process features full chip passivation for
performance and reliability.
Functional Schematic 2
Pin Configuration
Pin No.
Function
Pin No.
Function
1
Control 1
5
RF Port 2
2
Control 2
6
Ground
3
RF Common
7
Ground
4
Ground
8
RF Port 1
Part Number
Package
MASWSS0178
Bulk Packaging
MASWSS0178TR-3000
3000 piece reel
MASWSS0178SMB
Sample Board
Ordering Information 1
1. Reference Application Note M513 for reel size information.
Absolute Maximum Ratings 3,4
Parameter
Absolute Maximum
Input Power (0.5 - 3.0 GHz)
3 V Control
5 V Control
+30 dBm
+33 dBm
Operating Voltage
+8.5 Volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM Technology does not recommend sustained
operation near these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin 1
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground.


Similar Part No. - MASWSS0178

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0178 MACOM-MASWSS0178 Datasheet
99Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0178 MA-COM-MASWSS0178 Datasheet
84Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0178 MA-COM-MASWSS0178 Datasheet
192Kb / 4P
SPDT High Isolation Terminated Switch
MASWSS0178 MA-COM-MASWSS0178 Datasheet
192Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
logo
Tyco Electronics
MASWSS0178SMB MACOM-MASWSS0178SMB Datasheet
99Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
More results

Similar Description - MASWSS0178

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0024 MACOM-MASWSS0024 Datasheet
219Kb / 3P
SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
SW-475 MACOM-SW-475 Datasheet
91Kb / 4P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
MASWSS0178 MACOM-MASWSS0178 Datasheet
99Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0121 MACOM-MASWSS0121 Datasheet
198Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0178 MA-COM-MASWSS0178 Datasheet
84Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0024 MA-COM-MASWSS0024 Datasheet
70Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0121 MA-COM-MASWSS0121 Datasheet
117Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
MASW-008543 MA-COM-MASW-008543 Datasheet
175Kb / 4P
SPDT High Isolation Terminated Switch 0.01- 4.0 GHz
SW-475 MA-COM-SW-475 Datasheet
116Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
MASWSS0178 MA-COM-MASWSS0178 Datasheet
192Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com