Electronic Components Datasheet Search
  English  ▼

X  

MASWSS0192 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0192
Description  GaAs SPDT Switch DC - 3.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0192 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0192 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0192 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0192 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0192 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V1
MASWSS0192
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Test and Measurement and Low/Medium Power
Telecommunication Applications
 Low Insertion Loss: 0.18 dB @ 1 GHz
 Moderate Isolation: 25 dB @ 1 GHz
 Low Power Consumption: < 2 μA @ 2.5 V
 Fast Settling for Low Gate Lag Requirements
 Lead-Free SC-70 (SOT-363) Package
 100% Matte Tin Plating over Copper
 Halogen-Free ―Green‖ Mold Compound
 RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MASWSS0192 is a GaAs PHEMT
MMIC SPDT switch in a lead-free SC-70 (SOT-363)
surface mount plastic package. The MASWSS0192
is ideally suited for applications where very small
size and low cost are required.
The MASWSS0192 can be used for low / medium
power, low loss requirements in all systems
operating up to 3 GHz, including PCS, GSM, DCS,
Blue Tooth, T&M, and other receive chain applica-
tions.
The MASWSS0192 is fabricated using a 0.5 micron
gate length GaAs PHEMT process. The process
features full passivation for performance and
reliability.
Pin No.
Pin Name
Description
1
RF1
RF Port 1
2
GND
Ground
3
RF2
RF Port 2
4
V2
Control 2
5
RFC
RF Input
6
V1
Control 1
Pin Configuration
Functional Schematic
RF1
GND
RF2
V1
RFC
V2
PIN 1
C=39pF
C=39pF
C=39pF
1.
Reference Application Note M513 for reel size information.
Ordering Information 1
Part Number
Package
MASWSS0192
Bulk Packaging
MASWSS0192TR-3000
3000 piece reel
MASWSS0192SMB
Sample Board
Parameter
Absolute Maximum
Input Power (0.5 - 3.0 GHz)
2.5 V Control
5.0 V Control
+25 dBm
+34 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-65 °C to +150 °C
Absolute Maximum Ratings 2,3
2.
Exceeding any one or combination of these limits may
cause permanent damage to this device.
3.
M/A-COM does not recommend sustained operation near
these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MASWSS0192

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0192 MACOM-MASWSS0192 Datasheet
204Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0192 MA-COM-MASWSS0192 Datasheet
100Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192 Datasheet
100Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0192SMB MACOM-MASWSS0192SMB Datasheet
204Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0192SMB MA-COM-MASWSS0192SMB Datasheet
100Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
More results

Similar Description - MASWSS0192

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-438 MACOM-SW-438 Datasheet
84Kb / 4P
GaAs SPDT Switch DC. 3.0 GHz
MASWSS0192 MACOM-MASWSS0192 Datasheet
204Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0115 MACOM-MASWSS0115 Datasheet
123Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0151 MA-COM-MASWSS0151 Datasheet
104Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MA-COM-MASWSS0136 Datasheet
94Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192 Datasheet
100Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com