Electronic Components Datasheet Search
  English  ▼

X  

NPT1015B Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # NPT1015B
Description  GaN Wideband Transistor 28 V, 45 W DC - 3.5 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT1015B Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button NPT1015B Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT1015B Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT1015B Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT1015B Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPT1015B Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPT1015B Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. NPT1015B Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. NPT1015B Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. NPT1015B Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
GaN Wideband Transistor 28 V, 45 W
DC - 3.5 GHz
Rev. V2
NPT1015B
9
9
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
9
Evaluation Board and Recommended Tuning Solution
600 - 1000 MHz Broadband Circuit
Reference
Value
Tolerance
Manufacturer
Part Number
C1
150 µF
20%
Nichicon
UPW1C151MED
C2, C5
0.01 µF
10%
AVX
1206C103KAT2A
C3, C6
0.1 µF
10%
Kemet
C1206C104K1RACTU
C4, C7
1.0 µF
10%
AVX
12101C105KAT2A
C8
270 µF
20%
United Chemi-Con
ELXY 630ELL271MK25S
C9
56 pF
5%
ATC
ATC100B560J
C10, C12
100 pF
5%
ATC
ATC100B101J
C11
6.8 pF
5%
ATC
ATC100B6R8J
R1, R2
0.33 Ω
1%
Panasonic
ERJ-6RQFR33V
R3
10 Ω
1%
Panasonic
ERJ-6ENF10R0V
R4, R5
7.5 Ω
1%
Stackpole
RHC2512FT7R50
L1
120 nH
5%
Coilcraft
0805CS-121XJB
L2
~50 nH
-
16 AWG Cu Wire
5 turn, 0.2"ID
PCB
Rogers LM6010,
r = 10.2, 0.025”
Parts list



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com