Electronic Components Datasheet Search
  English  ▼

X  

ADC08832IM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08832IM
Description  8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08832IM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC08832IM Datasheet HTML 1Page - National Semiconductor (TI) ADC08832IM Datasheet HTML 2Page - National Semiconductor (TI) ADC08832IM Datasheet HTML 3Page - National Semiconductor (TI) ADC08832IM Datasheet HTML 4Page - National Semiconductor (TI) ADC08832IM Datasheet HTML 5Page - National Semiconductor (TI) ADC08832IM Datasheet HTML 6Page - National Semiconductor (TI) ADC08832IM Datasheet HTML 7Page - National Semiconductor (TI) ADC08832IM Datasheet HTML 8Page - National Semiconductor (TI) ADC08832IM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Electrical Characteristics (Continued)
The following specifications apply for V
CC = VREF = +5VDC, and fCLK = 2 MHz unless otherwise specified. Boldface limits
apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
(Limits)
DC CHARACTERISTICS
I
CC
Supply Current
ADC08831
CLK = V
CC
CS = V
CC
0.6
1.0
mA (max)
CS = LOW
1.7
2.4
mA (max)
I
CC
Supply Current
ADC08832
CLK = V
CC (Note 16)
CS = V
CC
1.3
1.8
mA (max)
CS = LOW
2.4
3.5
mA (max)
Electrical Characteristics
The following specifications apply for V
CC = VREF = +5 VDC, and tr = tf = 20 ns unless otherwise specified. Boldface limits
apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
(Limits)
f
CLK
Clock Frequency
2
MHz (max)
Clock Duty Cycle
(Note 14)
40
60
% (min)
% (max)
T
C
Conversion Time (Not Including MUX
Addressing Time)
f
CLK = 2MHz
8
4
1/f
CLK (max)
µs (max)
t
CA
Acquisition Time
1
⁄2
1/f
CLK (max)
t
SET-UP
CS Falling Edge or Data Input
Valid to CLK Rising Edge
25
ns (min)
t
HOLD
Data Input Valid after CLK
Rising Edge
20
ns (min)
t
pd1,tpd0
CLK Falling Edge to Output
Data Valid (Note 15)
C
L = 100 pF:
Data MSB First
Data LSB First
250
200
ns (max)
ns (max)
t
1H,t0H
TRI-STATE Delay from Rising Edge
of CS to Data Output and SARS Hi-Z
C
L = 10 pF, RL = 10 kΩ
(see TRI-STATE Test Circuits)
50
ns
C
L = 100 pF, RL = 2kΩ
180
ns (max)
C
IN
Capacitance of Analog Input (Note 17)
13
pF
C
IN
Capacitance of Logic Inputs
5
pF
C
OUT
Capacitance of Logic Outputs
5
pF
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com