Electronic Components Datasheet Search
  English  ▼

X  

FDQ-3.3V Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # FDQ-3.3V
Description  3.3V CMOS Low Jitter XO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

FDQ-3.3V Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  FDQ-3.3V Datasheet HTML 1Page - Pericom Semiconductor Corporation FDQ-3.3V Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
All specifications are subject to change without notice.
FDQ 3.3 RevA
01/06/2016
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.saronix-ecera.com
3.3V CMOS Low Jitter XO
FDQ Series Crystal Clock Oscillator (XO)
AEC-Q200 Qualified | 5.0 x 3.2mm
FDQ
Output Enable / Disable Function
Parameter
Min.
Typ.
Max.
Units
Notes
Input Voltage (pin 1), Output Enable
0.7 VDD
V
or open
Input Voltage (pin 1), Output Disable (low power standby)
0.3 VDD
V
Output is Hi-Z
Internal Pullup Resistance
30
kΩ
Output Disable Delay
200
ns
Electrical Performance
Parameter
Min.
Typ.
Max.
Units
Notes
Output Frequency
1
156.25
MHz
As specified
Supply Voltage
+3.135
+3.3
+3.465
V
Supply Current, Output Enabled
15
mA
1 to 50 MHz
25
50.0001 to 90 MHz
40
90.0001 to 156.25 MHz
Supply Current, Standby Mode
10
µA
1 to 156.25 MHz
Frequency Stability
±25 to ±50
ppm
See Note 1 below
Operating Temperature Range
-40
+85
°C
AECQ Grade 3
Output Logic 0, VOL
10% VDD
V
Output Logic 1, VOH
90% VDD
V
Output Load
15
pF
Duty Cycle
45
55
%
Measured 50% VDD
Rise and Fall
Time
1 to 50 MHz
4.5
ns
Measured 20/80% of waveform
50.0001 to 156.25 MHz
2.5
Jitter, Phase
10 to 40 MHz
1
ps RMS
12kHz to 5 MHz frequency band
40.0001 to 156.25 MHz
1
ps RMS
12kHz to 20 MHz frequency band
Jitter,
Accumulated
1 to 80 MHz
5
ps RMS (1-σ)
20.000 adjacent periods
80.0001 to 156.25 MHz
3
Jitter,
Peak to Peak
1 to 80 MHz
50
ps pk-pk
100.000 random periods
80.0001 to 156.25 MHz
30
Notes:
1.
Stability includes all combinations of operating temperature, load changes, rated input (supply) voltage changes, initial calibration tolerance (25°C),
aging (1 year at 25°C average effective ambient temperature), shock and vibration.
2.
For specifications othere than those listed, please contact sales.
Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Units
Notes
Storage Temperature
-55
+125
°C
For the latest product information visit:
http://www.pericom.com/products/crystals-and-crystal-oscillators/xo/?part=FDQ+3.3V
For test circuit go to:
http://www.pericom.com/assets/sre/tc_cmos2.pdf
For soldering reflow profile and reliability test ratings go to:
http://www.pericom.com/pdf/sre/reflow.pdf
For tape and reel information go to:
http://www.pericom.com/pdf/sre/tr_5032_xo.pdf
16-0004



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com