Electronic Components Datasheet Search
  English  ▼

X  

MA4P274 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4P274
Description  Surface Mount Plastic PIN Diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4P274 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4P274 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4P274 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4P274 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4P274 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4P274 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4P274 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4P274 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4P274 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4P274 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
22
Surface Mount Plastic PIN Diodes
Rev. V22
SMPP Series
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
2. The reverse current will not exceed 10
A at the reverse voltage rating.
Absolute Maximum Ratings @ 25 °C1 (Unless Otherwise Noted)
1. Operation of these devices above any one of these parameters may cause permanent damage.
Total
Capacitance 3
Max.
(pF)
Nominal Characteristics
Standard
Part
Number
RoHS Compliant
Part Number
Reverse
Voltage2
(V)
RS @ 10 mA 4
Max.
(Ohms)
Carrier Lifetime 5
(
s)
I-Region
Thickness
(mils)
MA4P275
MA4P7436
MADP-007436 Series
75
1.00 @ 20V
0.5
0.2
0.4
MA4P789
MA4P7433
MADP-007433 Series
75
0.35 @ 20V
1.5
0.2
0.4
MA4P282
MA4P7447
MADP-007155 Series
100
1.20 @ 20V
0.6
1.0
0.8
MADP-007448 Series
100
0.25 @ 50V
2.0
0.4
0.6
MA4P274
MA4P7455
MADP-007455 Series
100
0.35 @ 50V
3.0
1.0
2.0
MA4P277
MA4P7437
MADP-007437 Series
200
0.35 @ 50V
6.0
2.0
4.0
MA4P278
MA4P7438
MADP-007438 Series
200
0.35 @ 50V
10.0
3.0
5.0
MA4P290
MADP-007167
200
0.30 @ 50V
16.0
3.0
7.0
Electrical Specifications @ 25
C
Parameter
Absolute
Maximum
Operating Temperature
-65
C to +150 C
Storage Temperature
-65
C to +125 C
Junction Temperature
+ 175
C
RF C.W. Incident Power @ 25 °C:
MA4P282 / MA4P7447/MADP-007155 Series(
 die = 15 °C/ W ), RF & DC Incident De-rating Coefficient = - 21.3 mW / °C
MA4P275 / MA4P7436/MADP-007436 Series(
 die = 25 °C/ W ), RF & DC Incident De-rating Coefficient = - 16.8 mW / °C
MA4P278 / MA4P7438/MADP-007438Series (
 die = 30 °C/ W ), RF & DC Incident De-rating Coefficient = - 13.3 mW / °C
MA4P274 / MA4P7455/MADP-007455 Series (
 die = 35 °C/ W ), RF & DC Incident De-rating Coefficient = - 13.3 mW / °C
MA4P277 / MA4P7437/MADP-007437 Series (
 die = 45 °C/ W ), RF & DC Incident De-rating Coefficient = - 13.3 mW / °C
MA4P290 / MADP-007167 Series (
 die = 55 °C/ W ), RF & DC Incident De-rating Coefficient = - 13.3 mW / °C
MA4P789 / MA4P7433/MADP-007433 Series(
 die = 80 °C/ W ), RF & DC Incident De-rating Coefficient = - 10.7 mW / °C
MADP-007448 Series(
 die = 80 °C/ W ), RF & DC Incident De-rating Coefficient = - 10.7 mW / °C
+ 32 dBm
+ 31 dBm
+ 30 dBm
+ 30 dBm
+ 30 dBm
+ 30 dBm
+ 29 dBm
+ 32 dBm
Total ( RF + DC ) Power Dissipation @ 25
C
( SOT-23, SOT-143 ) : RF & DC Dissipated De-rating Coefficient = - 33.3 mW /
C
( SOT-323, SOD-323, SC-79 ) : RF & DC Dissipated De-rating Coefficient = - 26.7 mW /
C
250 mW
200 mW
Reverse Voltage
Voltage Rating
Forward Current
150 mA DC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com