Electronic Components Datasheet Search
  English  ▼

X  

ADC10062CIWM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10062CIWM
Description  10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10062CIWM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC10062CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10062CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
+ = AV
CC = DVCC)
−0.3V to +6V
Voltage at Any Input or Output
−0.3V to V
+ + 0.3V
Input Current at Any Pin (Note 3)
5 mA
Package Input Current (Note 3)
20 mA
Power Dissipation (Note 4)
875 mW
ESD Susceptability (Note 5)
2000V
Soldering Information (Note 6)
Vapor Phase (60 Sec)
Infrared (15 Sec)
215˚C
220˚C
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature
150˚C
Operating Ratings (Notes 1, 2)
Temperature Range
T
MIN ≤ TA ≤ TMAX
ADC10061CIWM,
ADC10062CIWM,
ADC10064CIWM
−40˚C
≤ T
A ≤ +85˚C
Supply Voltage Range
4.5V to 5.5V
Converter Characteristics
The following specifications apply for V
+ = +5V, V
REF(+) = +5V, VREF(−) = GND, and Speed Adjust pin unconnected unless
otherwise specified. Boldface limits apply for T
A = TJ = TMin to TMax; all other limits TA = TJ = +25˚C.
Symbol
Parameter
Conditions
Typical
(Note 7)
Limit
(Note 8)
Units
(Limit)
Resolution
10
Bits
Integral Linearity Error
R
SA = 18 kΩ
±0.5
±1.0/±1.5
LSB (max)
Offset Error
±1
LSB (max)
Full-Scale Error
±1
LSB (max)
Total Unadjusted Error
All Suffixes, R
SA = 18 kΩ
±0.5
±1.5/±2.0
LSB (max)
Missing Codes
0
(max)
Power Supply Sensitivity
V
+ = 5V ±5%,V
REF = 4.5V
V
+ = 5V ±10%,V
REF = 4.5V
±1/16
±3⁄8
LSB
LSB (max)
THD
Total Harmonic Distortion
f
IN = 10 kHz, 4.85 VP-P
f
IN = 160 kHz, 4.85 VP-P
0.06
0.08
%
%
SNR
Signal-to-Noise Ratio
f
IN = 10 kHz, 4.85 VP-P
f
IN = 160 kHz, 4.85 VP-P
61
60
dB
dB
Effective Number of Bits
f
IN = 10 kHz, 4.85 VP-P
f
IN = 160 kHz, 4.85 VP-P
9.6
9.4
Bits
Bits
R
REF
Reference Resistance
650
400
Ω (min)
R
REF
Reference Resistance
650
900
Ω (max)
V
REF(+)
V
REF(+) Input Voltage
V
+ + 0.05
V (max)
V
REF(−)
V
REF(−) Input Voltage
GND − 0.05
V (min)
V
REF(+)
V
REF(+) Input Voltage
V
REF(−)
V (min)
V
REF(−)
V
REF(−) Input Voltage
V
REF(+)
V (max)
V
IN
Input Voltage
V
+ + 0.05
V (max)
V
IN
Input Voltage
GND − 0.05
V (min)
OFF Channel Input Leakage Current
ON Channel Input Leakage Current
CS = V
+,V
IN = V
+
CS = V
+,V
IN = V
+
0.01
±1
3
−3
µA (max)
µA (max)
DC Electrical Characteristics
The following specifications apply for V
+ = +5V, V
REF(+) = 5V VREF(−) = GND, and Speed Adjust pin unconnected unless other-
wise specified. Boldface limits apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = +25˚C.
Symbol
Parameter
Conditions
Typical
(Note 7)
Limit
(Note 8)
Units
(Limit)
V
IN(1)
Logical “1” Input Voltage
V
+ = 5.5V
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
V
+ = 4.5V
0.8
V (max)
I
IN(1)
Logical “1” Input Current
V
IN(1) = 5V
0.005
3.0
µA (max)
I
IN(0)
Logical “0” Input Current
V
IN(0) 0V
−0.005
−3.0
µA (max)
V
OUT(1)
Logical “1” Output Voltage
V
+ = 4.5V, I
OUT = −360 µA
V
+ = 4.5V, I
OUT = −10 µA
2.4
4.25
V (min)
V (min)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com