Electronic Components Datasheet Search
  English  ▼

X  

ADC10154CIWM Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10154CIWM
Description  10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10154CIWM Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button ADC10154CIWM Datasheet HTML 13Page - National Semiconductor (TI) ADC10154CIWM Datasheet HTML 14Page - National Semiconductor (TI) ADC10154CIWM Datasheet HTML 15Page - National Semiconductor (TI) ADC10154CIWM Datasheet HTML 16Page - National Semiconductor (TI) ADC10154CIWM Datasheet HTML 17Page - National Semiconductor (TI) ADC10154CIWM Datasheet HTML 18Page - National Semiconductor (TI) ADC10154CIWM Datasheet HTML 19Page - National Semiconductor (TI) ADC10154CIWM Datasheet HTML 20Page - National Semiconductor (TI) ADC10154CIWM Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
1.0 Functional Description (Continued)
Digital Interface Hints:
•
Reads and writes can be completely asynchronous to
CLK.
•
In addition to the timing indicated in Diagrams 1–3, CS
can be tied low permanently or taken low for entire con-
versions, eliminating all the CS guardbands (t
CR,tRC,
t
CW,tWC).
•
If CS is used as shown in Diagrams 1–-3, the CS guard-
bands (t
CR,tRC,tCW,tWC) between CS and the RD and
WR signals can safely be ignored as long as the follow-
ing two conditions are met:
1) When initiating a write, CS and WR must be simulta-
neously low for at least t
W(WR) ns (see Diagram 1). The
“start” conversion” bit will be set on the rising edge of WR
or CS, whichever is first.
2) When reading data, understand that data will not be valid
until t
ACC ns after both CS and RD go low. The output
data will enter TRI-STATE t
1H ns or t0H ns after either CS
or RD goes high (see Diagrams 2 and 3).
1.2 ARCHITECTURE
Before a conversion is started, during the analog input sam-
pling period, the sampled data comparator is zeroed. As the
comparator is being zeroed the channel assigned to be the
positive input is connected to the A/D’s input capacitor. (See
the Digital Interface section for a description of the assign-
ment procedure.) This charges the input 32C capacitor of the
DAC to the positive analog input voltage. The switches
shown in the DAC portion of the detailed block diagram are
set for this zeroing/acquisition period. The voltage at the in-
put and output of the comparator are at equilibrium at this
point in time. When the conversion is started the comparator
feedback switches are opened and the 32C input capacitor
is then switched to the assigned negative input voltage.
When the comparator feedback switch opens a fixed amount
of charge is trapped on the common plates of the capacitors.
The voltage at the input of the comparator moves away from
equilibrium when the 32C capacitor is switched to the as-
signed negative input voltage, causing the output of the com-
parator to go high (“1”) or low (“0”). The SAR next goes
through an algorithm, controlled by the output state of the
comparator, that redistributes the charge on the capacitor ar-
ray by switching the voltage on one side of the capacitors in
the array. The objective of the SAR algorithm is to return the
voltage at the input of the comparator as close as possible to
equilibrium.
The switch position information at the completion of the suc-
cessive approximation routine is a direct representation of
the digital output. This information is then manipulated by the
Digital Output decoder to the programmed format. The refor-
matted data is then available to be strobed onto the data bus
(DB0–DB7) via the digital output buffers by taking CS and
RD low.
2.0 Applications Information
2.1 MULTIPLEXER CONFIGURATION
The design of these converters utilizes a sampled-data com-
parator structure which allows a differential analog input to
be converted by the successive approximation routine.
The actual voltage converted is always the difference be-
tween an assigned “+” input terminal and a “−” input terminal.
The polarity of each input terminal or pair of input terminals
being converted indicates which line the converter expects
to be the most positive. If the assigned “+” input is less than
the “−” input the converter responds with an all zeros output
code when configured for unsigned operation. When config-
ured for signed operation the A/D responds with the appro-
priate output digital code.
A unique input multiplexing scheme has been utilized to pro-
vide multiple analog channels. The input channels can be
software
configured
into
three
modes:
differential,
single-ended, or pseudo-differential.
Figure 4 shows the
three modes using the 4-channel MUX of the ADC10154.
The eight inputs of the ADC10158 can also be configured in
any of the three modes. The single-ended mode has
CH0–CH3 assigned as the positive input with the negative
input being the V
REF
− of the device. In the differential mode,
the ADC10154 channel inputs are grouped in pairs, CH0
with CH1 and CH2 with CH3. The polarity assignment of
each channel in the pair is interchangeable. Finally, in the
pseudo-differential mode CH0–CH2 are positive inputs re-
ferred to CH3 which is now a pseudo-ground. This
pseudo-ground input can be set to any potential within the in-
put common-mode range of the converter. The analog signal
conditioning required in transducer-based data acquisition
systems is significantly simplified with this type of input flex-
ibility.
One
converter
package
can
now
handle
ground-referred inputs and true differential inputs as well as
signals referred to a specific voltage.
The analog input voltages for each channel can range from
50 mV below V
− (typically ground for unipolar operation or
−5V for bipolar operation) to 50 mV above V
+ = DV+ = AV+
(typically 5V) without degrading conversion accuracy. If the
voltage on an unselected channel exceeds these limits it
may corrupt the reading of the selected channel.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com