Electronic Components Datasheet Search
  English  ▼

X  

ADC10221 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10221
Description  10-Bit, 15 MSPS, 98 mW A/D Converter with Internal Sample and Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10221 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC10221 Datasheet HTML 4Page - National Semiconductor (TI) ADC10221 Datasheet HTML 5Page - National Semiconductor (TI) ADC10221 Datasheet HTML 6Page - National Semiconductor (TI) ADC10221 Datasheet HTML 7Page - National Semiconductor (TI) ADC10221 Datasheet HTML 8Page - National Semiconductor (TI) ADC10221 Datasheet HTML 9Page - National Semiconductor (TI) ADC10221 Datasheet HTML 10Page - National Semiconductor (TI) ADC10221 Datasheet HTML 11Page - National Semiconductor (TI) ADC10221 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Typical Performance Characteristics V
A = VD = VDI/O = 5V, fCLK = 20MHz, unless otherwise
specified.
Typical INL
DS101038-25
INL vs f
CLK
DS101038-26
INL vs V
A
DS101038-27
INL vs Clock Duty Cycle
DS101038-38
Typical DNL
DS101038-39
DNL vs f
CLK
DS101038-28
DNL vs V
A
DS101038-29
DNL vs Clock Duty Cycle
DS101038-40
SINAD & ENOB vs
Temperature and f
IN
DS101038-30
SINAD & ENOB vs V
A
DS101038-31
SINAD & ENOB vs
f
CLK and fIN
DS101038-32
I
A +ID vs. Temperature
DS101038-37
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com