Electronic Components Datasheet Search
  English  ▼

X  

1344849 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1344849
Description  20 AWG stranded (7x28) TC conductors, polypropylene insulation,
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1344849 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1344849 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1344849 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1344849 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
20 AWG stranded (7x28) TC conductors, polypropylene insulation, twisted pairs, individually shielded
w/Beldfoil® (100% coverage), 22 AWG stranded TC drain wire, overall PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
6
20
7x28
TC - Tinned Copper
Insulation
Insulation Material:
Insulation Material
PP - Polypropylene
Inner Shield
Inner Shield Material:
Inner Shield Trade Name Type Inner Shield Material
Coverage (%)
Beldfoil® (Z-Fold®)
Tape Aluminum Foil-Polyester Tape 100
Inner Shield Drain Wire AWG:
AWG
22
Inner Shield Drain Wire Stranding:
19x34
Inner Shield Drain Wire Conductor Material:
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVC - Polyvinyl Chloride
Overall Cabling
Overall Nominal Diameter:
11.303 mm
Pair
Pair Color Code Chart:
Number Color
1
Black & Red
2
Black & White
3
Black & Green
4
Black & Blue
5
Black & Yellow
6
Black & Brown
Pair Lay Length & Direction:
Lay Length (mm) Twists/ft. (twist/m)
44.449825
22.475
Mechanical Characteristics (Overall)
Operating Temperature Range:
-20°C To +80°C
UL Temperature Rating:
80°C (UL AWM Style 2919)
Page 1 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9874 Multi-Conductor - Audio, Control and Instrumentation Cable


Similar Part No. - 1344849

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344840 ETC2-1344840 Datasheet
93Kb / 2P
Tinned copper conductor, separator, rubber insulation
1344841 ETC2-1344841 Datasheet
101Kb / 3P
18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs, PVC insulation
1344843 ETC2-1344843 Datasheet
98Kb / 2P
Tinned copper conductor, PVC insulation
1344844 ETC2-1344844 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1344845 ETC2-1344845 Datasheet
98Kb / 2P
Tinned copper, PVC insulation, medium wall. The extruded PVC insulation is flame and ozone resistant
More results

Similar Description - 1344849

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344805 ETC2-1344805 Datasheet
100Kb / 3P
22 AWG stranded (7x30) TC conductors, polypropylene insulation
1345981 ETC2-1345981 Datasheet
100Kb / 3P
20 AWG stranded (7x28) TC conductors, polyethylene insulation
1346586 ETC2-1346586 Datasheet
100Kb / 3P
20 AWG stranded (7x28) TC conductors, PVC insulation
1346679 ETC2-1346679 Datasheet
102Kb / 3P
22 AWG stranded (7x30) TC conductors, polypropylene insulation
1348175 ETC2-1348175 Datasheet
99Kb / 3P
28 AWG stranded (7x36) TC conductors, polypropylene insulation,
1348329 ETC2-1348329 Datasheet
101Kb / 3P
20 AWG stranded (7x28) TC conductors, semi-rigid PVC insulation,
1351322 ETC2-1351322 Datasheet
100Kb / 3P
20 AWG stranded (7x28) TC conductors, polyethylene insulation
1351875 ETC2-1351875 Datasheet
100Kb / 3P
20 AWG stranded (7x28) TC conductors, polypropylene insulation, twisted pairs
1883A ETC2-1883A Datasheet
101Kb / 3P
24 AWG stranded (7x32) TC conductors, polypropylene insulation
8725 ETC2-8725 Datasheet
99Kb / 3P
20 AWG stranded (7x28) TC conductors, polypropylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com