Electronic Components Datasheet Search
  English  ▼

X  

1345005 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1345005
Description  22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1345005 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1345005 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1345005 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1345005 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation, individually
shielded, PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
2
22
7x30
TC - Tinned Copper
Insulation
Insulation Material:
Insulation Material
Dia. (mm)
PVC - Polyvinyl Chloride 1.5748
Inner Shield
Inner Shield Material:
Inner Shield Trade Name Type Inner Shield Material
Coverage (%)
Beldfoil®
Tape Aluminum Foil-Polyester Tape 100
Inner Shield Drain Wire AWG:
AWG
22
Inner Shield Drain Wire Stranding:
7x30
Inner Shield Drain Wire Conductor Material:
TC - Tinned Copper
Outer Shield
Outer Shield Material:
Outer Shield Material
Unshielded
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
Nom. Wall Thickness (mm)
PVC - Polyvinyl Chloride 1.0668
Outer Jacket Ripcord:
Yes
Overall Cabling
Overall Cabling Lay Length & Direction:
Direction
Left-hand Lay
Overall Nominal Diameter:
8.204 mm
Pair
Pair Color Code Chart:
Number Color
1
Black & Red and Numbered 1
2
Black & Red and Numbered 2
Page 1 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9328 Multi-Conductor - 300V Power-Limited Tray Cable


Similar Part No. - 1345005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1345000 ETC2-1345000 Datasheet
98Kb / 3P
22 AWG stranded (7x30) .030 bare copper conductor, foam polyethylene insulation
More results

Similar Description - 1345005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344841 ETC2-1344841 Datasheet
101Kb / 3P
18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs, PVC insulation
1345895 ETC2-1345895 Datasheet
101Kb / 3P
22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1346000 ETC2-1346000 Datasheet
101Kb / 3P
20 AWG pairs stranded (19x32) tinned copper conductors, twisted pairs, PVC insulation
1347776 ETC2-1347776 Datasheet
100Kb / 3P
16 AWG pairs stranded (19x29) tinned copper conductors, twisted pairs, PVC insulation
1348168 ETC2-1348168 Datasheet
102Kb / 3P
18 AWG pairs stranded (7x26) bare copper conductors, twisted pairs, PVC insulation
1351328 ETC2-1351328 Datasheet
98Kb / 3P
18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1351330 ETC2-1351330 Datasheet
101Kb / 3P
22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1682735 ETC2-1682735 Datasheet
102Kb / 3P
22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs
1682745 ETC2-1682745 Datasheet
101Kb / 3P
18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
8723SB ETC2-8723SB Datasheet
103Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, twisted pairs, polypropylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com